Part Number Hot Search : 
2302M JT22C 40N03 R3060 SF2020C 3045C N2064 TSM3441
Product Description
Full Text Search
 

To Download P7500-2012-161MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT DATA SHEET
COMMON MODE CHOKE
Features
Small size Wideband suppression Low profile (<2.0mm) Surface Mount Flat top for pick & place Lead-free (Pb-free)
P7500 Family
Applications
Noise suppression Common mode suppression USB lines IEEE 1394
DESCRIPTION
The P7500 family is suitable for Common Mode suppression across a broad range of signal applications. Good Common Mode performance is achieved to beyond 500MHz. All chokes will handle DC currents of 300mA minimum. Components are available in two mechanical sizes similar to EIA 0805 and 1206. The P7500 family of components provides reliable lead-free terminations suitable for lead-free and conventional placement and reflow.
P7500-2012
P7500-3216
ETALDOC 845/2
Page 1 of 4
July 2005
P7500
SPECIFICATIONS
Electrical 2012 size (EIA 0805) Part Number P7500-2012-900MT P7500-2012-161MT P7500-2012-221MT Common mode Impedance (1) at 100MHz () 9025% 16025% 22025% DCR () Max 0.30 0.35 0.40 Rated Current IDC (mA) 400 350 300
(2)
3216 size (EIA 1206) Part Number P7500-3216-900MT P7500-3216-161MT P7500-3216-221MT Notes 1. 2. 3. 4. See fig. 1 and fig. 2 for typical impedance vs. frequency characteristics. Rated current, IDC, is the current at which the temperature rise is 40C (max). Operating temperature -40C to +85C. For non-standard inductance values, please contact Profec. Common mode Impedance (1) at 100MHz () 9025% 16025% 22025% DCR () Max 0.30 0.35 0.40 Rated Current IDC (mA) 400 350 300
(2)
Voltage ratings (all variants) Rated voltage 50VDC Withstand Voltage 125VDC Insulation resistance 10M (min)
ETALDOC 845/2
Page 2 of 4
July 2005
P7500
P7500-2012 impedance vs frequency characteristics
Fig. 1
1000.0
COMMON MODE IMPEDANCE
100.0
IMPEDANCE (Ohm)
900 10.0 161 221 1.0 161 221 0.1 900
NORMAL MODE IMPEDANCE
1
10
FREQUENCY (MHz)
100
1000
10000
P7500-3216 impedance vs frequency characteristics
Fig. 2
1000.0
COMMON MODE IMPEDANCE
100.0
IMPEDANCE (Ohm)
900 10.0 161 221 1.0 161 221 0.1 900
NORMAL MODE IMPEDANCE
1
10
FREQUENCY (MHz)
100
1000
10000
ETALDOC 845/2
Page 3 of 4
July 2005
P7500
CONSTRUCTION
P7500-2012 dimensions
Fig. 3
2.0 0.2 1.2 0.2
P7500-3216 dimensions
Fig. 4
3.2 0.2 1.6 0.2
e3
0.45 typ
e3
0.6 typ
0.4 typ
0.45
PCB P T AT ERN
0.4
0.75
1.1
PCB P T AT ERN
Dimensions shown are in millimetres Terminal plating JESD97 Category = e3. Recommended reflow solder profile: 2 minutes @ 150-200C, 10 seconds @ 260C; time above 217C 60 seconds maximum. Note: these parts are ceramic bodied: avoid PCB flexure after mounting.
ORDERING CODE P7500MT
Tape and Reel Tolerance (25%) Impedance code (900, 161 or 221) Size (2012 or 3216) Type code
ABSOLUTE MAXIMUM RATINGS
Storage temperature Operating temperature Soldering temperature peak Reflow Hand -40C to +105C -40C to +85C 260C 10s 260C 3s
Handle in accordance with IPC/JEDEC J-STD-033 procedure for components classified as IPC/JEDEC J-STD-020 Moisture Sensitivity Level 2.
0.6
1.05
1.6
0.4
0.6 typ
2.0 0.2
1.2 0.2
ISO 9001 FM 25326
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela Telephone: +358 (0)20 7500 330 Fax: +358 (0)20 7500 333 Website: www.etalgroup.com Email: etalgroup@egruppen.com ETALDOC 845/2 Page 4 of 4 July 2005


▲Up To Search▲   

 
Price & Availability of P7500-2012-161MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X