Part Number Hot Search : 
HN3B02FU EGA64 2SA111 D45H11E3 YPT78704 P82C42PC KSC5030 MM1099A
Product Description
Full Text Search
 

To Download P6KE440A-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE440A-E Transient Voltage Suppressors
Pppm600W IFSM100A
DO-15/DO-204AC
FEATURE
Low power loss High surge capability Glass passivated chip junction High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension Halogen Free
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany Dimensions in inches and (millimeters)
MAXIMUM RATINGS (TA = 25 unless otherwise noted) C
PARAMETER Peak power dissipation with a 10/1000 s waveform (1) (Fig. 1) Peak pulse current with a 10/1000 s waveform (1) Breakdown Voltage at IT=1mA Maximum Reverse Leakage at VWM=376V Maximum Clamping Voltage at IPPM Power dissipation on infinite heatsink at TL = 75 (Fig. 5) C Peak forward surge current, 8.3 ms single half sine-wave (2) Maximum instantaneous forward voltage at 50 A Typical thermal resistance junction-to-lead Typical thermal resistance junction-to--ambient Storage and Operating Junction Temperature SYMBOL PPPM IPPM VBR IR VC PD IFSM VF Rth(jl) Rth(ja) Tstg,Tj P6KE440A-E 600 1.0 418min 462max 1.0 602 5 .0 100 5.0 20 75 -55 to +175 units W A V A V W A V /W C C/W
Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 per Fig. 2 C (2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 per minute maximum
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES P6KE440A-E
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of P6KE440A-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X