Part Number Hot Search : 
OM9369 SM16GZ 1SV285 S009N1 EL755406 52174 H21L2 2400A
Product Description
Full Text Search
 

To Download P6KE150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6.8 thru P6KE540A Transient Voltage Suppressors
Pppm600W IFSM100A
DO-15/DO-204AC
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (TA = 25 unless otherwise noted) C PARAMETER Peak power dissipation with a 10/1000 s waveform (1) (Fig. 1) Peak pulse current with a 10/1000 s waveform (1) Power dissipation on infinite heatsink at TL = 75 C (Fig. 5) Peak forward surge current, 8.3 ms single half sinewave (2) Maximum instantaneous forward voltage at 50 A for unidirectional only (3) Typical thermal resistance junction-to-lead Typical thermal resistance junction-to--ambient Storage and Operating Junction Temperature SYMBOL PPPM IPPM PD IFSM VF Rth(jl) Rth(ja) Tstg,Tj VALUE UNI 600 see next table 5.0 100 3.5/5.0 20 75 -55 to +175 units W A W A V C/W C/W
Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 per Fig. 2 C (2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 per minute maximum (3) VF = 3.5 V for P6KE220(A) & below; VF = 5.0 V for P6KE250(A) & above
Rev.A1 Page 1 of 5
www.gulfsemi.com
GULF SEMI
Transient Voltage Suppressors
Rev.A1 Page 2 of 5
www.gulfsemi.com
GULF SEMI
Transient Voltage Suppressors
Rev.A1 Page 3 of 5
www.gulfsemi.com
GULF SEMI
(TA = 25 C unless otherwise noted) RATINGS AND CHARACTERISTICS CURVES
Transient Voltage Suppressors
Rev.A1 Page 4 of 5
www.gulfsemi.com
GULFSEMI
(TA = 25 C unless otherwise noted) RATINGS AND CHARACTERISTICS CURVES
Transient Voltage Suppressors
Rev.A1 Page 5 of 5
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of P6KE150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X