Part Number Hot Search : 
AS179 IRF820A 4C08A C1413 R1004 UT138FE SC3004 TCC110
Product Description
Full Text Search
 

To Download OXCFB950B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLX Technology Acquired Oxford Semiconductor in January 2009
This document is not yet formatted to PLX style
For more information, please visit our Website
Website: Sales: Technical Support: www.plxtech.com www.plxtech.com/sales www.plxtech.com/support
(c) 2009 PLX Technology, Inc. All rights reserved.
OXCB950
Description
Combining performance Oxford UART
32-bit PC card bridge to serial port
Features
and Semiconductor's 32-bit PC Card high o o o o o o o o o o o o o o High performance UART with peak asynchronous data rates up to 15Mbps RS232/422/485 full and half duplex interfaces
technology, the OXCB950 is the ideal connectivity solution for products that need to bridge serial Cellular CDMA/GSM/GPRS, GPS, and Bluetooth wireless data cards. devices to 32-bit PC Card interfaces including:
Deep 128-Byte receive/transmit FIFOs band flow control
Full modem interface with hardware out of Automated Xon/Xoff in-band flow control Flexible clock prescalar allows for a wide range of baud rates operation 2 GPIOs Infra-red (IrDA) receive and transmit
This highly integrated device is backed by certified device drivers, for a wide range of operating systems, to deliver ultimate
performance with reduced design cycles and accelerated time to market.
The OXCB950 is a single chip serial port solution bridging applications. The device incorporates Oxford Semiconductor's high
for 32-bit PC Card based serial connectivity and performance,
PCI 2.2 and Power Management 1.0 and PC Card 7.0 compliant Software compatible with industry standard 16C550 type devices 3.3V operation 100 TQFP package
feature-rich UART technology that combines the industry's fastest baud rates and deepest FIFOs with unrivalled flexibility. It adds up to a class leading serial connectivity solution.
Commercial temperature range (0 to +70C) Certified device drivers for a wide range of operating systems
Development Support
Design and evaluation of the OXCB950 is easy everything needed for PC installation with an available evaluation kit that includes evaluation. The kit includes Oxide, an intuitive provides simple `point and click' and
graphical user interface development tool that selection and text box entry for fast, error free customization with minimal software expertise. feature
Ordering Information
Device OXCFB950B Development Kit EV-OXCB950
(c) 2008 Oxford Semiconductor
July 2008, REV. 1.0
Web: www.oxsemi.com


▲Up To Search▲   

 
Price & Availability of OXCFB950B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X