Part Number Hot Search : 
BA80JC5T PZTA14 ES18C28 RPH4NSC IDT7226 980NB AD7710 ST8024T
Product Description
Full Text Search
 

To Download OSW5DK5201A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Bullet Pure White LED OSW5DK5201A
Features
Outline
Dimension
5.0
High Luminous LEDs 5mm Bullet Standard Directivity Long Lifetime Operation (Up to 100,000 hours)
8.5 1.0 5.0
R2 .5

Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Applications
0.50.05
26.0MIN
1.5MAX
Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting
2.54 12
Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
(Ta=25)
Value
30 100 5 108 -30 ~ +85 -40 ~ +100 260/5sec
Directivity
Unit
30
1.5MIN
5.6
1.Anode 2.Cathode Unit:mm Tolerance:0.30mm
0 30
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
mA mA V mW 90
1
60
60
0.5
0
0.5
1
90
*Pulse width Max 10ms , Duty ratio max 1/10 Electrical
-Optical Characteristics
Symbol
VF IR Iv x y 21/2
(Ta=25)
Min.
2.9 72000 -
Item
DC Forward Voltage DC Reverse Current Luminous Intensity* Chromaticity Coordinates* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Typ.
3.1 80000 0.27 0.28 8
Max.
3.6 10 -
Unit
V A mcd
deg
*1 Tolerance of chromaticity coordinates is +10% *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0


▲Up To Search▲   

 
Price & Availability of OSW5DK5201A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X