Part Number Hot Search : 
CO55CC 0022286 203SH30 F1C2XX0 A106M ICM72 SBP13 2SD1015
Product Description
Full Text Search
 

To Download NJM567D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM567
TONE DECODER / PHASE LOCKED LOOP
GENERAL DESCRIPTION The NJM567 tone and frequency decoder is a highly stable phase locked loop with synchronous AM lock detection and power output circuitry. Its primary function is to drive a load whenever a sustained frequency within its detection band is present at the self-biased input. The bandwidth cebter frequency, and output delay are independently determined by means of four external components. FEATURES Operating Voltage (4.75V to 9.0V) Wide frequency range (0.01Hz to 500kHz) High stability of center frequency Independently controllable bandwidth (up to 14 percent) High out-band signal and noise rejection Logic-compatible output with 100mA current sinking capability Frequency adjustment over a 20 to 1 range with an external resistor Package Outline DIP8, DMP8 Bipolar Technology PIN CONFIGURATION PIN FUNCTION 1 OUTPUT FILTER 2 LOW-PASS FILTER 3 INPUT 4 V+ 5 TIMING R 6 TIMING CR 7 GROUND 8 OUTPUT PACKAGE OUTLINE
NJM567D
NJM567M
NJM567D NJM567M BLOCK DIAGRAM
Ver.2003-12-09
-1-
NJM567
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Input Positive Voltage Input Negative Voltage Output Voltage Power Dissipation Operating Temperature Range Storage Temperature Range SYMBOL V
+
(Ta=25C)
RATINGS 10 V +0.5 -10 15 (Pin8) (DIP8) (DMP8) 500 300
+
UNIT V V Vdc Vdc mW mW C C
VIP VIN V8 PD Topr Tstg
-40 to +85 -40 to +125
ELECTRICAL CHARACTERISTICS
PARAMETER Highest Center Frequency Center Frequency Stability Center Frequency Shift with Supply Voltage Largest Detection Bandwidth Largest Detection Bandwidth Skew Largest Detection Bandwidth Variation with Temperature Largest Detection Bandwidth Variation with Supply Voltage Input Resistance Smallest Detectable Input Voltage Largest No-Output Input Voltage Greatest Simultaneous Outband Signal to Inband Signal Ratio Minimum Input Signal to Wideband Noise Ratio Fastest ON-OFF Cycling Rate "1" Output Leakage Current "0" Output Voltage Output Fall Time Output Rise Time Operating Voltage Operating Current Quiescent Operating Current - Activated Quiescent Power Dissipation SYMBOL fOH fO / T fO / V BWM BWS BW / T BW / V RIN TEST CONDITION -20 to +75C fO=100kHz fO=100kHz Vi=300mVrms Vi=300mVrms IL=100mA, fi=fO IL=100mA, fi=fO Bn=140kHz MIN. 100 10 10 4.75 TYP. 500 3560 0.7 14 2 0.1 2 20 20 15 +6 -6 fO / 20 0.01 0.2 0.6 30 150 7 12 35
(Ta=25C, V+=5.0V)
MAX. 2 18 3 25 25 0.4 1.0 9.0 10 15 UNIT kHz PPM / C %/V %xfO %xfO % / C %/V k mVrms mVrms dB dB A V V ns ns V mA mA mW
IL=30mA IL=100mA RL=50 RL=50 V opr ICC ICC PD RL=20k
+
-2-
Ver.2003-12-09
NJM567
TYPICAL CHARACTERISTICS Frequency Drift Frequency Drift
Ambient Temperature Ta (C)
Frequency Drift
Center Frequency Temperature Coefficient ( T = 0C ~ 70C)
Center Frequency Shift
Detection Bandwidth
Ver.2003-12-09
-3-
NJM567
TYPICAL CHARACTERISTICS Bandwidth Largest Detection Bandwidth
Detection Bandwidth vs. C2, C3
Operating Current
Greatest Number of Cycles
Output Voltage
-4-
Ver.2003-12-09
NJM567
DESIGN FORMULAS
fO = 1 ( VIN = 0mV ) 1.07R1C1 VIN in % of fO , VIN 200mVrms fO C 2
BW ~ 1070 -
where
VIN : Input Voltage (Vrms) C2 : LPF Capacitor (F)
PLL WORDS EXPLANATIONS Center Frequency (fO) The free-running frequency of the current controlled oscillator (CCO) in the absence of an input signal. Detection Bandwidth (BW) The frequency range, centered about fO, within which an input signal above the threshold voltage (typically 20mVrms) will cause a logical zero state on the output. The detection bandwidth corresponds to the loop capture range. Lock Range The largest frequency range within which an input signal above the threshold voltage will hold a logical zero state on the output. Detection Band Skew A measure of how well the detection band is centered about the center frequency, fO. The skew is defined as (fmax + fmin - 2fO)/ 2fO where fmax and fmin are the frequencies corresponding to the edges of the detection band. The skew can be reduced to zero if necessary by means of an optional centering adjustment.
Operating Instructions Figure 1 shows a typical connection diagram for the 567. For most applications, the following three-step procedure will be sufficient for choosing the external components R1, C1 C2 and C3.
Figure 1 1. Select R1 and C1 for the desired center frequency. For best temperature stability, R1 should be between 2K and 20K ohm, and the combined temperature coefficient of the R1 C1 product should have sufficient stability over the projected temperature range to meet the necessary requirements. 2. Select the low pass capacitor, C2, by referring to the Bandwidth versus Input Signal Amplitude graph. If the input amplitude variation is known, the appropriate value of fO C2 necessary to give the desired bandwidth may be found. Conversely, an area of operation may be selected on this graph and the input level and C2 may be adjusted accordingly. For example, constant bandwidth operation requires that input amplitude be above 200mVrms. The bandwidth, as noted on the graph, is then controlled solely by the fO C2 product (fO (Hz), C2 (fd)). 3. The value of C3 is generally non-critical. C3 sets the band edge of a low pass filter which attenuates frequencies outside the detection band to eliminate spurious outputs. If C3 is too small, frequencies just outside the detection band will switch the output stage on and off at the beat frequency, or the output may pulse on and off during the turn-on transient. If C3 is too large, turn-on and turn-off of the output stage will be delayed until the voltage on C3 passes the threshold voltage. (Such delay may be desirable to avoid spurious outputs due to transient frequencies.) A typical minimum value for C3 is 2C2.
Ver.2003-12-09
-5-
NJM567
Output Terminal(Fig.2) The primary output is the uncommitted output transistor collector, pin 8. When an in-band input signal is present, this transistor saturates; its collector voltage being less than 1.0volt (typically 0.6V) at full output current (100mA). The voltage at pin 2 is the phase detector output which is a linear function of frequency over the range of 0.95 to 1.05 fO with a slope of about 20mV per percent of frequency deviation. The average voltage at pin 1 is, during lock, a function of the inband input amplitude in accordance with the transfer characteristic given. Pin 5 is the controlled oscillator square wave output of magnitude (+V -2Vbe) (+V -1.4V) having a dc average of +V/2. A 1k load may be driven from pin 5. Pin 6 is an exponential triangle of 1 volt peak-to-peak with an average dc level of +V2. Only high impedance loads may be connected to pin 6 without affecting the CCO duty cycle or temperature stability.
Figure 2 OPERATING PRECAUTIONS A brief review of the following precautions will help the user achieve the high level of performance of which the 567 is capable. 1. Operation in the high level mode (above 200mV) will free the user from bandwidth variations due to changes in the in-band signal amplitude. The input stage is now limiting, however, so that out-band signals or high noise levels can cause an apparent bandwidth reduction as the in-band signal is suppressed. Also, the limiting action will create in-band components from sub-harmonic signals, so the 567 becomes sensitive to signals at fO / 3, fO / 5, etc. 2. The 567 will lock onto signals near (2n + 1) fO, and will give an output for signals near (4n + 1) fO where n = 0, 1, 2, etc. Thus, signals at 5fO and 9fO can cause an unwanted output. If such signals are anticipated, they should be attenuated before reaching the 567 input. 3. Maximum immunity from noise and outband siganls is afforded in the low input level (below 200mVrms) and reduced bandwidth operating mode. However, decreased loop damping causes the worse-case lock-up time to increase, as shown by the Greatest Number of Cycles Before Output vs Bandwidth graph. 4. Due to the high switching speeds (20ns) associated with 567 operation, care should be taken in lead routing. Lead lengths should be kept to a minimum. The power supply should be adequately bypassed close to the 567 with a 0.01F or greater capacitor; grounding paths should be carefully chosen to avoid ground loops and unwanted voltage variations. Another factor which must be considered is the effect of load energization on the power supply. For example, an incandescent lamp typically draws 10 times rated current at turn-on. This can cause supply voltage fluctuations which could, for example, shift the detection band of narrow-band systems sufficiently to cause momentary loss of lock. The result is a low-frequency oscillation into an out of lock. Such effects can be prevented by supplying heavy load currents from a separate supply or increasing the supply filter capacitor. -6Ver.2003-12-09
NJM567
Speed of Operation Minimum lock-up time is related to the natural frequency of the loop. The lower it is, the longer becomes the turn-on transient. Thus, maximum operating speed is obtained when C2 is at a minimum. When the signal is frist applied, the phase may be such as to initially drive the controlled oscillator away form the incoming frequency rather than toward it. Under this condition, which is of course unpredictable, the lock-up transient is at its worst and the theoretical minimum lock-up time is not achievable. We must simply wait for the transient to die out. The following expressions give the values of C2 and C3 which allow highest operating speeds for various band center frequencies. The minimum rate at which digital information may be detected without information loss due to the turn-on transient or output chatter is about 10 cycles per bit, corresponding to an information transfer rate of fO/10 baud.
C2 = C3 =
130 F fO 260 F fO
In cases where turn-off time can be sacrificed to achieve fast turn-on, the optional sensitivity adjustment circuit can be used to move the quiescent C3 voltage lower (closer to the threshold voltage). However, sensitivity to beat frequencies, noise and extraneous signals will be increased.
Optional Controls (Figure 3) The 567 has been designed so that, for most applications, no external adjustments are required. Certain applications, however, will be greatly facilitated if full advantage is taken of the added control possibilities available through the use of additional external components. In the diagrams given, typical values are suggested where applicable. For best results the resistors used,except where noted, should have the same temperature coefficient. Ideally, silicon diodes woulds be low-resistivity types, such as forward-biased transistor base-emitter junctions. However, ordinary low-voltage diodes should be adequate for most applications. Sensitivity Adjustment (Figure 3) When operated as a very narrow band detector (less than 8 precent), both C2 and C3 are made quite large in order to improve noise and outband signal rejection. This will inevitably slow the response time. If, however, the output stage is biased closer to the threshold level, the turn-on time can be improved. This is accomplished by drawing additional current to terminal 1. Under this condition, the 567 will also give an output for Lower-level signals (10mV or lower). By adding current to terminal 1, the output stage is biased further away from the threshold voltage. This is most useful when, to obtain maximum operating speed. C2 and C3 are made very small. Normally, frequencies just outside the detection band could cause false outputs under this condition. By desensitizing the output stage, the outband beat notes do not feed through to the output stage. Since the input level must be somewhat greater when the output stage is made less sensitive, rejection of third harmonics or in-band harmonics (of lower frequency signals) is also improved.
Figure 3
Ver.2003-12-09
-7-
NJM567
Chatter Prevention (Figure 4) Chatter occurs in the output stage when C3 is relatively small, so that the lock transient and the AC components at the quadrature phase detector (lock detector) output cause the output stage to move through its threshold more than once. Many loads, for example lamps and relays, will not respond to the chatter. However, logic may recognize the chatter as a series of outputs. By feeding the output stage output back to its input (pin 1) the chatter can be eliminated. Three schemes for doing this are given in Figure 4. All operate by feeding the first output step (either on or off) back to the input, pushing the input past the threshold until the transient conditions are over. It is only necessary to assure that the feedback time constant is not so large as to prevent operation at the highest anticipated speed. Although chatter can always be eliminated by making C3 large, the feedback circuit will enable faster operation of the 567 by allowing C3 to be kept small. Note that if the feedback time constant is made quite large, a short burst at the input frequency can be stretched into a long output pulse This may be useful to drive, for example, stepping relays.
Figure 4
Detection Band Centering (or Skew) Adjustment (Figure 5) When it is desired to alter the location of the detection band (corresponding to the loop capture range) within the lock range, the circuits shown above can be used. By moving the detection band to one edge of the range, for example, input signal variations will expand the detection band in only one direction. This may prove useful when a strong but undesirable signal is expected on one side or the other of the center frequency. Since RB also alters the duty cycle slightly, this method may be used to obtain a precise duty cycle when the 567 is used as an oscillator.
Figure 5 -8Ver.2003-12-09
NJM567
Alternate Method of Bandwidth Reduction (Figure 6) Although a large value of C2 will reduce the bandwidth, it also reduces the loop damping so as to slow the circuit response time. This may be undesirable. Bandwidth can be reduced by reducing the loop gain. This scheme will improve camping and permit faster operation under narrow-band conditions. Note that the reduced impedance level at terminal 2 will require that a larger value of C2 be used for a given filter cutoff frequency. If more than three 567s are to be used, the network of RB and RC can be eliminated and the RA resistors connected together. A capacitor between this junction and ground may be required to shunt high frequency components.
Figure 6
(note) Adjust control for symmetry of detection band edges about fO.
Output Latching (Figure 7) To latch the output on after a signal is received, it is necessary to provide a feedback resistor around the output stage (between pins 8 and 1). Pin 1 is pulled up to unlatch the output stage.
Output Latching
Figure 7
Ver.2003-12-09
-9-
NJM567
Reduction of C1 Value (Figure 8) For precision very low-frequency applictions, where the value of C1 becomes large, an overall cost saving may be achieved by inserting a voltage follower between the R1 C1 junction and pin 6. so as to allow a higher value of R1 and lower value of C1 for a given frequency.
Figure 8
Programming To change the center frequency, the value of R1 can be changed with a mechanical or solid state switch, or additional C1 capacitors may be added by grounding them through saturating npn transistors.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 10 -
Ver.2003-12-09


▲Up To Search▲   

 
Price & Availability of NJM567D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X