Part Number Hot Search : 
PN7362 B8279 D96L6L 85C12 LVG32643 20800SAE 7808V AD50621
Product Description
Full Text Search
 

To Download MURS360-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURS340-B THRU MURS360-B
SURFACE MOUNT ULTRAFAST RECTIFIER
VOLTAGE400V TO 600V CURRENT 3.0A
FEATURE
Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultrafast recovery time for high efficiency High surge capability High temperature soldering guaranteed 260/10sec/at terminals Glass passivated chip
SMBDO--214AA --
MECHANICAL DATA
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Case: Molded with UL-94 class V-0 recognized Flame Retardant Epoxy Polarity: Color band denotes cathode end Mark: M340B M360B
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated, for capacitive load, derate current by 20)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8lead length at TL =90 Peak Forward Surge Current 8.3ms single half sine- wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current TJ =25 Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 Maximum Reverse Recovery Time Typical Junction Capacitance (Note1 ) (Note 2) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(jl) Tstg, Tj MURS340-B 400 280 400 3.0 125.0 1.25 10.0 50.0 50 50 11 -55 to +175 MURS360-B 600 420 600 units V V V A A V A nS pF /W
Typical Thermal Resistance, junction to lead Storage and Operating Junction Temperature Note
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES MURS340-B THRU MURS360-B
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MURS360-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X