Part Number Hot Search : 
00159 H100T3G PC2105 LC66354B M41ST85W HMC47 HMC47 HMC47
Product Description
Full Text Search
 

To Download MURS340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURS340 MURS360
SURFACE MOUNT ULTRAFAST RECTIFIER
VOLTAGE400V TO 600V CURRENT 3.0A
FEATURE
Plastic package has Underwriters Laboratories Flammability Classification 94VIdeally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultrafast recovery time for high efficiency High surge capability High temperature soldering guaranteed 260/10sec/at terminals Glass passivated chip
SMCDO--214AB --
MECHANICAL DATA
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Case:JEDEC DO-214AB molded plastic body over passivated chip Polarity:Color band denotes cathode end Weight: 0.007 ounce, 0.21 gram Mark: M340 M360
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated, for capacitive load, derate current by 20)
SYMBOL
MURS340
400 280 400 3.0 4.0 125.0 1.25 10.0 50.0 50 50 11 -55 to +150
MURS360
600 420 600
units V V V A A V A A nS pF
/W
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified TL =130 Current 3/8lead length at : TL =115 Peak Forward Surge Current 8.3ms single half sine- wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current TJ =25 If =3.0A Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 Maximum Reverse Recovery Time (Note1 ) Typical Junction Capacitance (Note 2) Typical Thermal Resistance, junction to
lead
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj R(jl) Tstg, Tj
Storage and Operating Junction Temperature
Note 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MURS340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X