Part Number Hot Search : 
IRFZ48NS BUY70B MC4052 CCD10401 ZM4733A ADR370 56000 XX18C
Product Description
Full Text Search
 

To Download MURS180-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURS180-A
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER
VOLTAGE: 800V CURRENT: 1.0A
FEATURE
Ultrafast Nanosecond Recovery Times 150C Operating Junction Temperature Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction
SMA/DO--214AC
Mechanical Characteristics
Case: JEDEC SMA/DO-214AC molded plastic body Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mark: M180
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
MURS180-A 800 640 800 1.0 35 1.75 10 50 75 25 50 -55 to +150
units V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Storage and Operating Temperature Range Note: (Note 1) (Note 2) (Note 3)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(ja) Tstg, Tj
A A
nS pF
/W
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC MURVES MURS180-A
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MURS180-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X