Part Number Hot Search : 
C2064 40540 XXXGX D2412 M215QGN IRGPC50K D2412 16152500
Product Description
Full Text Search
 

To Download MUR420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR420 & MUR460
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
VOLTAGE:200 & 600V CURRENT:4.0A DO-201AD -
FEATURE
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes * Ultra fast recovery time for high efficiency * Excellent high temperature switching * Glass passivated junction * High temperature soldering guaranteed: 250 C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.045 oz., 1.2 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum Reverse Recovery Time (Note 1) Typical thermal resistance junction to ambient (Note 2) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Storage and Operating Temperature Range Vrrm Vrms Vdc If(av) Ifsm Vf Trr Rth(ja) Ir Tstg, Tj 0.89 25 28 10 100 -55 to +150 MUR420 200 140 400 MUR440 400 280 400 4.0 150 1.28 45 MUR460 600 420 600 units V V A A V nS C/W A A
C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Lead length = 1/2" on P.C. board with 1.5" x1.5" copper surface
Rev.A6
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES MUR440 & MUR460
Rev.A6
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MUR420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X