Part Number Hot Search : 
ATTIN ON2035 PD1600 A101M BT847 2SC3598 MKV5020A G2005
Product Description
Full Text Search
 

To Download MUR110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR105S
THRU
MUR1100S
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER
Voltage: 50 to 1000V Current: 1.0A
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
DO - 41\DO - 204AL
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 unless otherwise stated, C, for capacitive load, derate current by 20%)
Symbol Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length at Ta =55C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at Rated forward current Maximum DC Reverse Current Ta =25 C At rated DC blocking voltage Ta =125 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance Typical Thermal Resistance Storage and Temperature
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8lead length, P.C. Board Mounted
MUR 105S 50 35 50
MUR 110S 100 70 100
MUR 120S 200 140 200
MUR 130S 300 210 300
MUR 140S 400 280 400 1.0
MUR 160S 600 420 600
MUR 180S 800 560 800
MUR 1100S 1000 700 1000
units V V V A A
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(ja) Tstg, Tj
35.0 0.875 1.25 10.0 100.0 25 25 27 -55 to +150 50 50 75 1.75
V A nS pF /W C
(Note 2) (Note 3) Junction
Operating
Rev.A2
www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES MUR120S THRU MUR1100S
Rev.A2
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MUR110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X