Part Number Hot Search : 
4957GM LJSA2N2M 60ZFDT AMS41221 167BZI M2N60F FDMS8 PC28F128
Product Description
Full Text Search
 

To Download MMBT2222LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL SPECIFICATION
SEMICONDUCTOR
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
RECTRON
MMBT2222LT1
FEATURES
* Power dissipation PCM 0.3 W(Tamb=25OC) * Collector current ICM 0.6 A * Collector-base voltage V(BR)CBO: 60 V * Operating and storage junction temperature range TJ,Tstg: -55OCto+150OC
SOT-23
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
0.037(0.950)TYP 0.006(0.150) 0.003(0.080) 0.020(0.500) 0.012(0.300)
0.043(1.100) 0.035(0.900) 0.004(0.100) 0.000(0.000)
0.020(0.50) 0.012(0.30)
0.100(2.550) 0.089(2.250)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
O
0.019(2.00) 0.071(1.80)
0.118(3.000) 0.110(2.800)
Dimensions in inches and (millimeters)
RATINGS Zener Current ( see Table "Characteristics" )
o o Max. Steady State Power Dissipation (1) @TA=25 C Derate above 25 C
SYMBOL PD TJ TSTG
VALUE 300 -55 to +150 -55 to +150
UNITS mW
o o
Max. Operating Temperature Range Storage Temperature Range
C C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Thermal Resistance Junction to Ambient Max. Instantaneous Forward Voltage at IF= 10mA NOTES : 1. Alumina=0.4*0.3*0.024in. 99.5% alumina. SYMBOL R JA VF MIN. TYP. MAX. 417 UNITS
o
C/W
Volts 2006-3
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted) Chatacteristic OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (I C = 10mAdc, I B = 0) Collector-Base Breakdown Voltage (I C = 10Adc, I E = 0) Emitter-Base Breakdown Voltage (I E = 10Adc, I C = 0) Collector Cutoff Current (V CE = 60Vdc,V EB(off) = 3.0Vdc Collector Cutoff Current (V CB = 60Vdc, I E = 0) (V CB = 60Vdc, I E = 0, TA= 125 C)
O
Symbol
Min
Max
Unit
V(BR)CEO V(BR)CBO V(BR)EBO ICEX ICBO
30 60 5.0 -
0.1 0.01 10
Vdc Vdc Vdc Adc Adc
ON CHARACTERISTICS
DC Current Gain (I C = 0.1mAdc, V CE = 10Vdc) (I C = 1.0mAdc, V CE = 10Vdc) (I C = 10mAdc, V CE = 10Vdc) (I C = 150mAdc, V CE = 10Vdc) (2) (I C = 500mAdc, V CE = 10Vdc) (2) Collector-Emitter Saturation Voltage (2) (I C = 150mAdc, I B = 15mAdc) (I C = 500mAdc, I B = 50mAdc) Base-Emitter Saturation Voltage (2) (I C = 150mAdc, I B = 15mAdc) (I C = 500mAdc, I B = 50mAdc) VCE(sat) hFE 35 50 75 100 30 VBE(sat) 0.4 Vdc 1.6 1.3 2.6 Vdc -
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (3) (I C = 20mAdc, V CE = 20Vdc, f= 100MHz) Input Capacitance (V EB =0.5Vdc, I C = 0, f= 1.0MHz) < < NOTES : 2. Pulse Test: Pulse Width-300s,Duty Cycle-2.0% 3. fT is defined as the frequency at which |hfe| extrapolates to unity fT Cibo 250 30 MHz pF
RECTRON
RATING AND CHARACTERISTICS CURVES ( MMBT2222LT1 )
1000 700 500 300 200 100 70 50 30 20 10 01 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 300 500 700 1.0k
hFE,DCCURRENT GAIN
Figure 1. DC Current Gain
VCE,COLLECTOR-EMITTER VOLTAGE(VOLTS) 1.0 0.8
IC,CCLLECTOR CURRENT(mA)
0.6 0.4 0.2 0 0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB,BASE CURRENT(mA)
Figure 2. Collector Saturation Region
200 100 70 50 t,TIME(ns) 30 20 10 7.0 5.0 3.0 2.0 5.0 7.0 10 20 30 50 70 100 200 300 500
IC/IB=10 TJ=25OC tr@VCC=30V td@VEB(off)=2.0V td@VEB(off)=0
500 300 200 t,TIME(ns) 100 70 50 30 20 10 7.0 5.0 5.0 7.0 10 20 30 50 70 100 200 300 500
t's=ts-1/8tf VCC=30V IC/IB=10 IB1=IB2 TJ=25OC
tf
IC,CLLECTOR CURRENT(mA)
IC,CLLECTOR CURRENT(mA)
Figure 3.Turn-On Time
Figure 4.Turn-Off Time
RECTRON
RATING AND CHARACTERISTICS CURVES ( MMBT2222LT1 )
10 8.0 6.0 4.0 2.0 0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100
f,FREQUENCY(KHz)
NT,NOISE FIGURE(dB)
NF,NOISE FIGURE(dB)
IC=1.0mA,RS=150 500,RS=200 100,RS=2.0K 50,RS=4.0K
RS=OPTIMUM SOURCE RESISTANCE
10
f=1.0KHz
8.0
IC=50
6.0 4.0 2.0 0 50 100 200
100 500 1.0m
500
1.0k 2.0k
5.0k
10k
20k
50k 100k
RS,SOURCE RESISTANCE(OHMS)
Figure 5.Frequency Effects
T,CURRENT-GAINBANDWIDTHPRODUCT(MHz) 30 20 CAPACITANCE(PF)
Ceb
Figure 6.Source Resistance Effects
500
VCE=20V O TJ=25 C
300 200
10 7.0 5.0
CCb
100 70 50 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
3.0 2.0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50
REVERSE VOLTAGE(VOLTS)
IC,COLLECTOR CURRENT(mA)
Figure 7.Capacitances
1.0
TJ=25 C
O
Figure 8.Currunt-Gain Bandwidth Product
+0.5 0 COEFFICIENT(mV/OC)
RVC for VCE(sat)
0.8 V,VOLTAGE(VOLTS)
VBE(sat)@IC/IB=10
0.6 0.4 0.2
VCE(sat)@IC/IB=10 VBE(on)@VCE=10V
1.0V
-0.5 -1.0 -1.5 -2.0 -2.5
RVB for VBE
0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1.0k
IC,COLLECTOR CURRENT(mA)
0.1 0.2
0.5
1.0 2.0
5.0 10
20
50
100 200 500
IC,COLLECTOR CURRENT(mA)
Figure 9."On" Voltages
Figure 10.Temperature Coefficients
RECTRON


▲Up To Search▲   

 
Price & Availability of MMBT2222LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X