Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download MMBD4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MMBD4448
Features
l l l l Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance
Surface Mount Schottky Barrier Switching Diode 350mW
Mechanical Data
l Case: SOT-23, Molded Plastic l Terminals: Solderable per MIL-STD-202, Method 208 l Polarity: See Diagram l Marking: KA3
A D
SOT-23
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic Non-Repetitive Peak Reverse Volt. Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current(Note1) Average Rectified Output Current Non-Repetitive Peak @ t<=1.0s Forward Surge Current @ t=1.0us Power Dissipation(Note 1) Thermal Resistance(Note 1) Operation/Storage Temp. Range Pd R Tj, TSTG Symbol VRM VRRM VRWM VR VR(RMS) IFM Io IFSM 53 500 250 2 4 350 357 -55 to +150 V mA mA A A mW K/W
o
C
B
Value 100 75
Unit V V
F
E
G
H
J
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic Maximum Forward Voltage Drop Symbol VFM Min 0.62 ----Max 0.72 0.855 1 1.25 2.5 Maximum Peak Reverse Current Junction Capacitance Reverse Recovery Time Cj trr --------IRM ----50 30 25 4 4 uA uA uA nA pF ns V Unit Test Cond. IF =5.0mA IF=10mA IF=100mA IF=150mA VR=75V VR=75V Tj=150 C VR=25V Tj=150 C VR=20V VR=0V, f=1.0MHz
o o
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
.037 .950 .037 .950
Note: 1. Valid provided that terminals are kept at ambient temperature
2. Trr Test Condition: IF=IR=10mA, Irr=0.1*IR, R=100 OHM
www.cnelectr.com
MMBD4448
Figure 1 Typical Forward Characteristics 200 100 60 40 350 20 MilliAmps 10 6 4 2 25C 1 .6 .4 .2 .1 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 70 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Admissable Power Dissipation - MilliWattsversus Ambient Temperature - C 125 150 175 280 420 Figure 2 Forward Derating Curve
210 MilliWatts 140
Figure 3 Junction Capacitance
10 6 4 2 pF 1 .6 .4 .2 .1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
MMBD4448
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 10 NanoAmps 6 4 2 1 .6 .4 .2 .1 20 40 60 TJ Instantaneous Reverse Leakage Current - NanoAmperes versus Junction Temperature - C 80 100 120 140 TA=25C TA=100C Amps 2.4 2.0 1.6 1.2 0.8 0.4 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 Figure 5 Peak Forward Surge Current
2
www.cnelectr.com www.


▲Up To Search▲   

 
Price & Availability of MMBD4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X