Part Number Hot Search : 
CROSS FMMT5551 RS203 C1011 16244A FJY3006R C00FK 10A02
Product Description
Full Text Search
 

To Download MINISMDC150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
RAYCHEM
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: MINISMDC150
DOCUMENT: SCD 24264 PCN: 439545 REV LETTER: F REV DATE: OCTOBER 25, 2000 PAGE NO.: 1 OF 1
Specification Status:
Maximum Electrical Rating
Voltage: 6V DC Short Circuit Current: 100A
RELEASED
D E
C
Notes: 1. All terminations are tin/lead plated. 2. Devices can be wave soldered. 3. Drawing not to scale Marking:
Manufacturer's Mark
Marking
D
E
15
Part Identification
TABLE I. DIMENSIONS:
A B C D E MIN MAX MIN MAX MIN MAX MIN MIN MAX mm: 4.37 4.73 3.07 3.41 0.28 0.48 0.25 0.20 0.50 in: (0.172) (0.186) (0.121) (0.134) (0.011) (0.019) (0.010) (0.008) (0.020)
TABLE II. PERFORMANCE RATINGS:
IHOLD ** HOLD CURRENT AT TEMPERATURE** TIME TO RATED TRIP ** CURRENT @ 8.0A AMPERES AMPERES AMPERES AMPERES SECONDS AT 20C AT - 40C AT 20C AT 55C AT 20C HOLD HOLD HOLD HOLD MAX 1.5 2.30 1.50 1.00 0.5 RESISTANCE VALUES OHMS AT 20C MIN MAX* 0.040 0.110 **TRIPPED-STATE POWER DISSIPATION WATTS AT 20C MAX 0.8
* Maximum resistance is measured 1 hour after reflow. **Values Specified were determined using PCB's with 0.030"X1.5 ounce copper traces.
Reference Documents: Precedence: Effectivity: CAUTION:
PS300, E. N. SMD1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of MINISMDC150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X