Part Number Hot Search : 
WM2841 BFQ82 X84641G S220C 32M61 2SJ368 MC1489M 24C08
Product Description
Full Text Search
 

To Download MAATSS0018TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAATSS0018
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
Features
* * * * * * * Single 10 dB Step Low Loss: 0.3 dB @ 900 MHz Lead-Free SOT-25 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AT-266 Rev. V2
Functional Block Diagram
Description
M/A-COM's MAATSS0018 is a 1 bit, 10 dB step GaAs MMIC digital attenuator in a lead-free SOT-25 surface mount plastic package. The MAATSS0018 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, wireless LANs, GPS equipment and other gain/level control circuits. The MAATSS0018 is a GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2 3 4
Function
RF1 GND RF2 V1 V2
Description
RF In/Out RF Ground RF In/Out Control Voltage Control Voltage
Ordering Information
Part Number
MAATSS0018 MAATSS0018TR
5
Package
Bulk Packaging 1000 piece reel
Truth Table 4,5,6
V1
0 1
V2
1 0
Attenuation State
10 dB Insertion Loss
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Input Power 50 MHz 500 - 2000 MHz Control Voltage Operating Temperature Storing Temperature
Absolute Maximum
+27 dBm +34 dBm -8.5 V < Vc < +8 V -40C to +85C -65C to +150C
4. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3) 5. Differential voltage, V(state 1) - V(state 0), must be +2.8 V minimum and less than 8 V. 6. 0 = -8 V to 0.2 V, 1 = -0.2 V to 8 V
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATSS0018
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / -3 V, Z0 = 50
Parameter
Insertion Loss Attenuation VSWR IP3 P1dB Trise, Tfall Ton, Toff Transients Control Current
Rev. V2
Test Conditions
0 - 1 GHz 1 - 2 GHz DC - 2 GHz 0 - 2 GHz 2 Tone @ 0 dBm, 5 MHz spacing 1 GHz 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Vc = 3 V
Units
dB dB dB Ratio dBm dBm nS nS mV A
Min.
-- -- 9.5 -- -- -- -- -- -- --
Typ.
0.3 0.5 10 1.4:1 50 28 5 10 6 25
Max.
0.45 0.7 10.5 -- -- -- -- -- -- --
Lead-Free SOT-25
Reference Application Note M538 for lead-free solder reflow recommendations.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATSS0018
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
Typical Performance Curves (39 pF capacitors used for positive voltage control)
Insertion Loss (Positive Control)
1.0
+25C -40C +85C
Rev. V2
Insertion Loss (Negative Control)
1.0
0.8
0.8
+25C -40C +85C
0.6
0.6
0.4
0.4
0.2
0.2
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Relative Attenuation (Positive Control)
11.0
+25C -40C +85C
Relative Attenuation (Negative Control)
11.0
+25C -40C +85C
10.5
10.5
10.0
10.0
9.5
9.5
9.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
9.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Return Loss (Reference State)
40
Positive Control Negative Control
Return Loss (10 dB State)
40
Positive Control Negative Control
30
30
20
20
10
10
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3
Frequency (GHz)
Frequency (GHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAATSS0018TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X