Part Number Hot Search : 
SL1914 1102C 527281TK 10248 MAX334 BAL6688 15SMC11A AR2508L
Product Description
Full Text Search
 

To Download LM431SAIMFX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
LM431SAI
Programmable Shunt Regulator
Features
* * * * Programmable Output Voltage to 36 Volts Low Dynamic Output Impedance 0.20 Typical Sink Current Capability of 1.0 to 100mA Equivalent Full-Range Temperature Coefficient of 50ppm/C Typical * Temperature Compensated for Operation Over Full Rated Operating Temperature Range * Low Output Noise Voltage * Fast Turn-on Response
Description
The LM431SAI is three terminal output adjustable regulator with thermal stability over operating temperature range from -40C to +85C. The output voltage can be set any value between VREF (approximately 2.5 volts) and 36 volts with two external resistors. This device has a typical dynamic output impedance of 0.2 Active output circuit provides a sharp turn-on characteristic, making this device excellent replacement for Zener Diodes in many applications.
SOT-23F
3
1
2
1. Cathode 2. Ref 3. Anode
Internal Block Diagram
+ -
Rev. 1.0.0
(c)2009 Fairchild Semiconductor Corporation
LM431SAI
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified.) Parameter Cathode Voltage Cathode current Range (Continuous) Reference Input Current Range Thermal Resistance Junction-Air (Note1,2) MF Suffix Package Power Dissipation (Note3,4) MF Suffix Package Junction Temperature Operating Temperature Range Storage Temperature Range
Note: 1. Thermal resistance test board
Symbol VKA IKA IREF RJA PD TJ TOPR TSTG
Value 37 -100 ~ +150 -0.05 ~ +10 350 350 150 -40 ~ +85 -65 ~ +150
Unit V mA mA C/W mW C C C
Size: 76.2mm * 114.3mm * 1.6mm (1S0P) JEDEC Standard: JESD51-3, JESD51-7
2. Assume no ambient airflow. 3. TJMAX = 150C, Ratings apply to ambient temperature at 25C 4. Power dissipation calculation: PD = (TJ - TA)/RJA
Recommended Operating Conditions
Parameter Cathode Voltage Cathode Current Symbol VKA IKA Min. VREF 1.0 Typ. Max. 36 100 Unit V mA
2
LM431SAI
Electrical Characteristics
(TA = +25C, unless otherwise specified) Parameter
Reference Input Voltage Deviation of Reference Input Voltage OverTemperature Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage Reference Input Current Deviation of Reference Input Current Over Full Temperature Range Minimum Cathode Current for Regulation Off -Stage Cathode Current Dynamic Impedance
Symbol
VREF VREF(dev)
Conditions
VKA=VREF, IKA=10mA VKA=VREF, IKA=10mA TMINTATMAX
LM431SAI Min.
2.450 -
Typ.
2.500 5
Max.
2.550 20
Unit
V mV
VKA=10V-VREF VREF/VKA
IKA =10mA
-
-1.0 -0.5 1.5
-2.7 mV/V -2.0 4
VKA=36V-10V
IREF IKA=10mA, R1=10K,R2= IKA=10mA, R1=10K,R2= TMINTATMAX VKA=VREF VKA=36V, VREF=0 VKA=VREF, IKA=1 to 100mA ,f 1.0kHz
A A
mA
IREF(dev) IKA(MIN) IKA(OFF) ZKA
-
0.8
2
-
0.45 0.05 0.15
1.0 1.0 0.5
A
Note: 1. TMIN = -40C, TMAX = +85C 2. The deviation parameters VREF(dev) and IREF(dev)are defined as the differences between the maximum and minimum values obtained over the rated temperature range. The average full-range temperature coefficient of the reference input voltage, VREF, is defined as:
V REF
V REF ( dev ) -------------------------------------- 10 6 V REF ( at25C ) ppm = ------------------------------------------------------------------ C T MAX - T MIN
VREF(min)
VREF(dev)
VREF(max)
TMAX -TMIN where TMAX -TMIN is the rated operating free-air temperature range of the device. VREF can be positive or negative depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower temperature. Example: VREF(dev) = 4.5mV, VREF = 2500 mV at 25 C, TMAX -TMIN = 125 C for LM431SAI. 4.5mV ---------------------- 10 6 2500mV = ------------------------------------------ = 14.4ppm C 125C
V REF
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
3
LM431SAI
Test Circuits
LM431SAI LM431SAI
Figure 1. Test Circuit for VKA=VREF
Figure 2. Test Circuit for VKAVREF
LM431SAI
Figure 3. Test Circuit for lKA(OFF)
4
LM431SAI
Typical Performance Characteristics
800
150
VKA = VREF TA = 25 C
o
VKA = VREF TA = 25 C
o
600
100
IKA, CATHODE CURRENT (uA)
IK, Cathode Current (mA)
400
50
IKA(MIN)
0
200
-50
0
-100 -2 -1 0 1 2 3
VKA, Cathode Voltage (V)
-200 -1 0 1
VKA, CATHODE VOLTAGE (V)
2
3
Figure 4. Cathode Current vs. Cathode Voltage
Figure 5. Cathode Current vs. Cathode Voltage
Figure 6. Reference Input Voltage vs. Ambient Temperature
Figure7. Reference Input Current vs. Ambient Temperature
60
TA = 25 C IKA = 10mA
o
6
TA=25 C
o
50
5
INPUT
40
Open Loop Voltage Gain (dB)
4
30
Voltage Swing (V)
3
OUTPUT
20
2
10
1
0
-10 1k 10k 100k
Frequency (Hz)
0
1M
10M
0
4
8
Time (us)
12
16
20
Figure 8. Small Signal Voltage Amplification vs. Frequency
Figure 9. Pulse Response
5
LM431SAI
Typical Performance Characteristics (Continued)
5
140 A VKA = Vref B VKA = 5.0 V @ IK = 10mA TA = 25 C
o
4
120
IK, CATHODE CURRENT(mA)
100
A
80
stable
stable
Current(mA)
1 10
3
60
2
40
1
20
B
0 0.0
0 100p
1n
10n
100n
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
CL, LOAD CAPACITANCE
Anode-Ref. Voltage(V)
Figure 10. Stability Boundary Conditions
5
Figure 11. Anode-Reference Diode Curve
4
Current(mA)
3
2
1
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Ref.-Cathode Voltage(V)
Figure 12. Reference-Cathode Diode Curve
6
LM431SAI
Typical Application
R1 V O = 1 + ------ V ref R 2 R1 V O = V ref 1 + ------ R 2 R1 V O = 1 + ------ V ref R 2
LM7805/MC7805
LM431SAI
LM431SAI
LM431SAI
Figure 13. Shunt Regulator
-
Figure 14. Output Control for Figure 15. High Current Shunt Regulator Three-Termianl Fixed Regulator
LM431SAI
LM431SAI
Figure 16. Current Limit or Current Source
Figure 17. Constant-Current Sink
7
LM431SAI
Mechanical Dimensions
Package Dimensions in millimeters
SOT-23F
Marking
43A I
2% tolerance
8
LM431SAI
Ordering Information
Product Number LM431SAIMFX Output Voltage Tolerance 2% Package SOT-23F Operating Temperature -40 ~ +85C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 10/6/09 0.0m 001 Stock#DS400510 (c) 2009 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of LM431SAIMFX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X