Part Number Hot Search : 
BA541 1A470 C10T20F 425FX8BM 645TS AIC1783A L7906AC DZ23C9V1
Product Description
Full Text Search
 

To Download LC3KP17CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
LC 3KP Series
LOW CAPACITANCE BI DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE- 6.5 - 28 Volts 3000 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated junction * 3000W Peak Pulse Power capability on 10/1000 s waveform, repetition rate (duty cycle): 0.05% * Glass passivated junction * Low incremental surge resistance * Excellent clamping capability * Fast response time: typically less than 5.0 ns from 0 volts to V(BR) * Ideal for data line applications * High temperature soldering guaranteed: 265C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.07 ounces, 2.1 gram
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Watts Amps Watts C
Peak Pulse Power Dissipation on 10/1000 s PPPM Minimum 3000 waveform (NOTE 1, Fig.1) IPPM SEE TABLE 1 Peak Pulse Current of on 10/1000 s waveform (Note 1,Fig 3) Steady State Power Dissipation at TL = 75C PM(AV) 5.0 Lead lengths .375", 9.5mm -55 +175 Operatings and Storage Temperature Range TJ, TSTG NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2.
Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
3000 Watt Low Capacitance Bi Directional TVS
PART NUMBER MINIMUM WORKING MAXIMUM PEAK INVERSE INVERSE MAXIMUM PEAK MAXIMUM TEST STANDOFF BREAKDOWN MAXIMUM BLOCKING BLOCKING INVERSE JUNCTION PULSE CURRENT CLAMPING VOLTAGE VOLTAGE VBR REVERSE VOLTAGE CURRENT CAPACITANCE VOLTAGE LEAKAGE BLOCKING (It) VWM (V) CURRENT VOLTAGE LEAKAGE (V) @Ipp Vc (V) IppM (A) @ 0 VOLTS (pF) mA VWIB @ VWIB @ MIN./MAX. @ VPIB VOLTS ID(mA) VWM ID(A) IT VOLTS 6.50 7.22/7.98 1000 10 11.2 200 200 75 1 100 7.00 7.78/8.6 500 10 12.0 200 200 75 1 100 7.50 8.33/9.21 250 10 12.9 200 200 75 1 100 8.00 8.89/9.83 100 1 13.6 200 200 75 1 100 8.50 9.44/10.4 50 1 14.4 200 200 75 1 100 9.00 10/11.1 10 1 15.4 194.0 200 75 1 100 10.00 11.1/12.3 5 1 17.0 176.0 200 75 1 100 11.00 12.2/13.5 5 1 18.2 164.0 200 75 1 100 12.00 13.3/14.7 5 1 19.9 150.0 200 75 1 100 13.00 14.4/15.9 5 1 21.5 140.0 200 75 1 100 14.00 15.6/17.2 5 1 23.2 130.0 200 75 1 100 15.00 16.7/18.5 5 1 24.4 122.0 200 75 1 100 16.00 17.8/19.7 5 1 26.0 114.0 200 75 1 100 17.00 18.9/20.9 5 1 27.6 108.0 200 75 1 100 18.00 20/22.1 5 1 29.2 102.0 200 75 1 100 20.00 22.2/24.5 5 1 32.4 92.0 200 75 1 100 22.00 24.4/26.9 5 1 35.5 84.0 200 75 1 100 24.00 26.7/29.5 5 1 38.9 79.0 200 75 1 100 26.00 28.9/31.9 5 1 42.1 72.0 200 75 1 100 28.00 31.1/34.4 5 1 45.5 66.0 200 75 1 100
LC 3KP6.5CA LC 3KP7.0CA LC 3KP7.5CA LC 3KP8.0CA LC 3KP8.5CA LC 3KP9.0CA LC 3KP10CA LC 3KP11CA LC 3KP12CA LC 3KP13CA LC 3KP14CA LC 3KP15CA LC 3KP16CA LC 3KP17CA LC 3KP18CA LC 3KP20CA LC 3KP22CA LC 3KP24CA LC 3KP26CA LC 3KP28CA
Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of LC3KP17CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X