Part Number Hot Search : 
GS2993 300B12 STPS20 LT196 PEB2466 74VCX1 BCX52TA D61012
Product Description
Full Text Search
 

To Download KSB13003AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSB13003AR 0
KSB13003AR
SEMIHOW REV.A2,Oct 2007
KSB13003AR 0
KSB13003AR
High Voltage Switch Mode Application
* High Speed Switching * Suitable for Electronic Ballast up to 21W Max * 150 Max. Operating temperature * 8KV ESD proof at HBM (C=100, R=1.5)
1.5 Amperes NPN Silicon Power Transistor 1.1 Watts
Absolute Maximum Ratings
CHARACTERISTICS
TC=25 unless otherwise noted SYMBOL VCBO VCEO VEBO IC ICP IB PC TSTG TJ RATING 700 400 9 1.5 15 3 0.75 1.10 -65~150 150 UNIT V V V A A A W
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector C rrent(DC) Current(DC) Collector Current(Pulse) Base Current Collector Dissipation(Tc=25) Storage Temperature Max. Operating Junction Temperature
TO-92 1. Emitter 2. Collector 3. Base
3 1 2
Electrical Characteristics
CHARACTERISTICS Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter Cut-off Current *DC Current Gain *Collector-Emitter Saturation Voltage
TC=25 unless otherwise noted SYMBOL VCBO VCEO IEBO hFE1 hFE2 VCE(sat) Test Condition IC=500A, IE=0 IC=5mA, IB=0 VEB=9V,IC=0 VCE=2V,IC=0.5A VCE=2V,IC=1A IC=0.5A,IB=0.1A IC=1A,IB=0.25A IC=1.5A,IB=0.5A IC=0.5A,IB=0.1A IC=1A,IB=0.25A
VCB=10V, f=0.1MHz
Min 700 400
Typ.
Max
Unit V V
10 9 5 30 0.5 1.0 3.0 1.0 1.2 21 4 1.1 11 4.0 0.7
V V V V V
*Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn on Time T Ti Storage Time Fall Time
* Pulse Test: Pulse Width300s, Duty Cycle2%
VBE(sat) Cob fT ton tstg tF
VCE=10V,IC=0.1A Vcc=125V, Ic=2A IB1=0.2A, IB2= -0.2A RL=125
Note.
R hFE1 Classification O Y 9 ~ 16 15 ~ 25 20 ~ 30
Package Mark information.
S AR 13003 YWW Z R YWW Z Pin type (ECB) Y; year code, WW; week code hFE1 Classification
SEMIHOW REV.A2,Oct 2007
KSB13003AR 0
Typical Characteristics
SEMIHOW REV.A2,Oct 2007
KSB13003AR 0
Typical Characteristics
SEMIHOW REV.A2,Oct 2007
KSB130 003AR
Package Dimension
TOTO-92
4.580.25 4.580.25
3
3.710.2
4
0.460.1 14.470.5 7 1.27typ 1 27t 1.27typ 3.60.25
1.020.1 25 3.710.2
Dimensions in Millimeters
SEMIHOW REV.A2,Oct 2007
KSB130 003AR
Package Dimension
TOTO-92 TAPING
W2
W
W1 W0
D0
F1 F2
P1
P
P2
Item Component pitch Side lead to center of feed hole Center lead to center of feed hole Lead pitch Carrier Tape width Adhesive tape width Tape feed hole location
Adhesive tape position
Symbol P P1 P2 FI,F2 W W0 W1 W2 H H0 H1 D0
Dimension [mm] Reference 12.7 3.85 6.35 2.5 18.0 6.0 9.0 1.0 MAX 19.5 16.0 27.0 max 4.0 0.2 1 0.5 Tolerance 0.5 0.5 0.5 +0.2/-0.1 +1.0/-0.5 0.5 0.5
Center of feed hole to bottom of component Center of feed hole to lead form
Component height Tape feed hole diameter
H0
H
SEMIHOW REV.A2,Oct 2007
H1
KSB13003AR 0
KSB13003AR
1. Document Name : KSB13003AR Data sheet 2. Revision History
Product Name File Name Rev. A1 A2 Revision History
KSB13003AR KSB13003AR_datasheet Owner / date Jroh / 20070604 Jroh / 20070813
Initiate specification Add SPEC of Max. operating temperature, ESD level, MSL level
SEMIHOW REV.A2,Oct 2007


▲Up To Search▲   

 
Price & Availability of KSB13003AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X