Part Number Hot Search : 
89256 DT74AL D471K IR3Y29B A2535EL M81500FP 01100 01100
Product Description
Full Text Search
 

To Download KBP306G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP3005G THRU KBP310G
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current:3.0A
Features
Glass passivated chip junction High case dielectric strength High surge current capability Ideal for printed circuit board
KBP
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: As marked on body
Dimensions in inches and (millimeters)
MAXIMUM
RATINGS AND ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current Ta =55 Peak forward surge current 50 Hz single half sine-wave superimposed on rated load Maximum instantaneous forward voltage drop per diode at 3.0A Rating for fusing (t < 10ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Ta = 25 C Ta = 125 C (Note1) Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Cj Tj, Tstg KBP3 005G 50 35 50 KBP 301G 100 70 100 KBP 302G 200 140 200 KBP 304G 400 280 400 3.0 80 1.05 32 5.0 500 30 11 25 -55 to +150 KBP3 06G 600 420 600 KBP3 08G 800 560 800 KBP 310G 1000 700 1000
units V V V A A V A2Sec A /W pF
Typical junction capacitance per leg at 4.0V,1MHz Operating junction and storage temperature range
Note: 1. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 x 047" (12 x 12mm) copper pads
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBP3005G THRU KBP310G
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBP306G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X