Part Number Hot Search : 
SPHL10FT ORP120D4 0804T P80N06 X9313TP M7720 HAE100 HD404052
Product Description
Full Text Search
 

To Download KBP005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP005M THRU KBP10M
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current:1.5A
Features
Glass passivated chip junction High case dielectric strength High surge current capability Ideal for printed circuit board
KBPM
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: As marked on body
Dimensions in inches and (millimeters)
MAXIMUM
RATINGS AND ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol * * * Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current Ta = 40 Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg Rating for fusing (t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Ta = 25 C Ta = 125 C at 1.0A at 1.57A Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir KBP 005M 50 35 50 KBP 01M 100 70 100 KBP 02M 200 140 200 KBP 04M 400 280 400 1.5 50 1.0 1.3 10 5.0 500 40 13 15 -55 to +150 KBP 06M 600 420 600 KBP 08M 800 560 800 KBP 10M 1000 700 1000
units V V V A A V A2Sec A /W pF
* *
Typical Thermal Resistance
(Note 1)
Rth(ja) Rth(jl)
Cj Tj, Tstg
Typical junction capacitance per leg at 4.0V,1MHz * Operating junction and storage temperature range
Note: 1. Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with 0.47x0.47(12x12mm)copper pads * HEDEC registered values
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBP005M THRU KBP10M
Rev.A2
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBP005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X