Part Number Hot Search : 
LM1117Q 12S05 AXX49SMD MAX9254 2103D P0G10 KBPC2506 2N4924
Product Description
Full Text Search
 

To Download JS0204FP4-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Miniature SMT DIP Slides
Series JS
Distinctive Characteristics
Extended and flush slide actuators available. Twin sliding contact mechanism with self-cleaning action (JS02) provides smooth actuation and produces high contact reliability. Gold plated contacts prevent oxidation and sulfide effect and provide stable contact resistance. Use of self-extinguishing UL94V-0 certified material in cover and base provides high arc resistance and high insulation resistance. Gull-wing terminals ensure secure PCB mounting and prevent dislodging during vapor phase and infrared convection reflow soldering. Terminal spacing conforms to standard PCB grid. For JS02: .100" (2.54mm) For JS04: .050" (1.27mm) End-to-end stackable. Packaged in tape-reel or stick-tube. Tape-reel packaging meets EIA-481-2 Standard. Coplanarity: all considered surfaces must lie between two parallel planes that are a maximum distance apart of .0059" (0.15mm). (Additional coplanarity details in Terms and Acronyms in the Supplement section.)
Actual Sizes
JS02
JS04
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature SMT DIP Slides
Series JS
General Specifications
Electrical Capacity (Resistive Load)
Switching Rating: Nonswitching Rating: 25mA @ 24V DC 0.1A @ 50V DC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Total Travel:
JS02 Extended Actuator 50 milliohms maximum 100 megohms minimum @ 500V DC 500V AC minimum for 1 minute minimum 2,000 operations minimum 2,000 operations minimum .031" (0.8mm)
JS04 Flush Actuator 50 milliohms maximum 100 megohms minimum @ 100V DC 300V AC minimum for 1 minute minimum 2,000 operations minimum 2,000 operations minimum .026" (0.65mm)
Materials & Finishes
Actuator: Cover: Base: Contacts: Terminals:
JS02 Extended Actuator Glass fiber reinforced polyamide Glass fiber reinforced polyamide (UL94V-0) Glass fiber reinforced polyamide (UL94V-0) Beryllium copper with gold plating Brass with gold plating
JS04 Flush Actuator Glass fiber reinforced polyamide Glass fiber reinforced polyamide (UL94V-0) Glass fiber reinforced polyamide (UL94V-0) Copper alloy with gold plating Brass with gold plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
JS02 Extended Actuator: -20C through +70C (-4F through +158F) JS04 Flush Actuator: -30C through +85C (-22F through +185F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Cleaning:
Reflow Soldering Recommended. See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Note: Switches are packaged in OFF position and should be soldered in OFF position. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognition or CSA Certification:
UL 94V-0 rated cover & base The JS Series slides have not been tested for UL recognition or CSA certification. These switches are designed for use in a low-voltage, low-current circuit. When used as intended in a low-voltage, low-current circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature SMT DIP Slides
TYPICAL SWITCH ORDERING EXAMPLE
Series JS
JS
02
08
A
P4
S
MOUNTING
02 04 SMT .100" (2.54mm) for Extended Actuator SMT .050" (1.27mm) for Flush Actuator A F
ACTUATOR
Extended for 02 Mounting Code Flush for 04 Mounting Code S R
PACKAGING
Stick-Tube Tape-Reel
Not available in bulk
NO. OF POSITIONS
04 08 4 Positions 8 Positions
CONTACT MATERIAL & RATING
P4 Gold Rated 25mA @ 24V DC
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JS0208AP4-S
Extended Slide Actuator, 8 Positions .100" (2.54mm) Terminal Spacing
SPST OFF-ON Circuit Gold Contacts with 25mA Rating
Stick-Tube Packaging
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature SMT DIP Slides
TYPICAL SWITCH DIMENSIONS
4 Positions * Extended Actuator
ON
Series JS
Single Pole
(0.3) .012 (0.25) .010 (2.54) Typ .100
5 6 7 8
(6.2) .244
1 2 3 4
(1.8) .071 (1.1) Typ .043 (3.7) .146 (0.7) .028 (0.5) Typ .020
(11.1) .437
(0.8) Travel .031 (7.62) .300
(1.5) Typ .059
1
(8.9) .350
2
3
4
(9.8) .386
1 2 3 4
5
(1.1) Typ .043
6
7
8
(1.0) .039 (0.6) .024 (7.62) .300 (2.54) Typ .100
(0.8) .031
(7.62) .300
JS0204AP4
End View
Schematic
8 Positions * Extended Actuator
ON
Single Pole
(6.2) .244
1 2 3 4 5 6 7 8
(1.8) .071
(21.26) .837
(0.8) Travel .031 (7.62) .300
(0.3) .012
(0.25) .010
9 10 11
(2.54) Typ .100
12 13 14 15 16
(1.5) Typ .059
1
(8.9) .350
2
3
4
5
6
7
8
(1.1) Typ .043 (3.7) .146 (0.7) .028 (0.5) Typ .020 (2.54) Typ .100
(9.8) .386
1 2 3 4 5 6 7 8
(1.0) .039 (0.6) .024
(0.8) .031
(17.78) .700
(1.1) Typ .043
9 10 11 12 13 14 15 16
(17.78) .700
JS0208AP4
End View
Schematic
4 Positions * Flush Actuator
(0.7) Typ .028 (1.26) .050
ON
Single Pole
1 234
(0.65) .026 (6.22) .245
(0.65) Travel .026
(0.35) .014 (5.8) .228 (8.1) .319
(1.27) Typ .050
5678
(1.25) Typ .049
(7.65) .301
1 234
1
2
3
4
(2.2) .087 (0.15) .006 (0.6) .024 (0.76) Typ .030
5
(3.81) .150
6
7
8
(1.27) Typ .050 (3.81) .150
(0.1) .004 (0.5) Typ .020
JS0404FP4
End View
Schematic
8 Positions * Flush Actuator
(0.7) Typ .028 (1.26) .050
ON
Single Pole
12345678
(0.65) .026
(0.65) Travel .026
(0.35) .014 (5.8) .228 (8.1) .319
(1.27) Typ .050
9 10 11 12 13 14 15 16
(1.25) Typ .049
(11.3) .445 (2.2) .087
(7.65) .301
12345678
1
2
3
4
5
6
7
8
(1.27) Typ .050
(0.1) .004 (0.5) Typ .020 (8.89) .350
(0.15) .006
(0.6) .024
(0.76) Typ .030
9 10 11 12 13 14 15 16
(8.89) .350
JS0408FP4
End View
Schematic
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Ultra-Miniature SMT DIP Slides
PACKAGING S
Stick-Tube Packaging Switches are packaged in OFF position. Switches are not available in bulk and must be ordered in the following increments: Extended Actuator JS0204AP4-S: 46 pieces per stick-tube JS0208AP4-S: 24 pieces per stick-tube
(7.0) .276
(12.0) .472 (530.0) 20.866
Series JS
Flush Actuator JS0404FP4-S: 80 pieces per stick-tube JS0408FP4-S: 45 pieces per stick-tube
(4.8) .189
(11.5) .453 (530.0) 20.866
R
Tape-Reel Packaging for Extended Actuator Switches are packaged in OFF position. Switches are not available in bulk and must be ordered in the following increments: JS0204AP4-R: 500 pieces per tape-reel JS0208AP4-R: 500 pieces per tape-reel Minimum Leader Length: 15.75" (400mm) Minimum Trailer Length: 6.3" (160mm) Tape-reel packaging meets EIA-481-2 Standard.
(1.75) .069
(2.0) Typ .079
(16.0) Typ .630
(4.0) Typ .157
(1.5) Dia Typ .059
(11.5) .453 (24.0) .945 (2.5) .098 (1.5) Dia Typ .059 (6.5) .256 (10.3) .406 Direction of Feed
3
1 2 3 4 ON
(11.5) .453
(0.35) .014 (5.0) .197
Tape Dimensions for JS0204AP4-R
(1.75) .069 (6.5) R .256 (10.5) Typ .413 (80.0) Dia 3.150 (80.0) Dia 3.150 (32.0) 1.260 (6.0) .236
(2.0) Typ .079
(16.0) Typ .630
(4.0) Typ .157
(1.5) Dia Typ .059
3 (14.25) Typ .561
1 2 3 4 5 6 ON
(21.7) .854
(2.0) Typ .079
7 8
(2.0) Dia Typ .079 Overall Dia (330.0) 13.0 (24.4) .961 (30.4) Max 1.197 (32.4) 1.276 (38.4) Max 1.512 (6.0) .236 (10.3) .406 (1.7) Typ .067 (0.35) .014 (1.5) Typ .059
Direction of Feed
(5.0) .197
Reel Dimensions
JS0204AP4-R
JS0208AP4-R
Tape Dimensions for JS0208AP4-R
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Ultra-Miniature SMT DIP Slides
PACKAGING (CONTINUED) R
Tape-Reel Packaging for Flush Actuator Switches are packaged in OFF position. Switches are not available in bulk and must be ordered in the following increments: JS0404FP4-R: 2,000 pieces per tape-reel JS0408FP4-R: 2,000 pieces per tape-reel Minimum Leader Length: 15.75" (400mm) Minimum Trailer Length: 6.3" (160mm) Tape-reel packaging meets EIA-481-2 Standard.
(1.75) .069
Series JS
(1.5) Dia Typ .059
(2.0) Typ .079
(12.0) Typ .472
(4.0) Typ .157
(11.5) .453 (24.0) .945
ON
1 234
5 (6.6) .260
(2.3) .091 (1.5) Dia Typ .059 (4.0) .157 (8.7) .343
Direction of Feed
(0.3) .012 (2.7) 1.06
Tape Dimensions for JS0404FP4-R
(6.5) R .256 (10.5) Typ .413
(80.0) Dia 3.150
(1.75) .069
(2.0) Typ .079
(12.0) Typ .472
(4.0) Typ .157
(1.5) Dia Typ .059
(11.5) .453 (24.0) .945 (2.3) .091 (1.5) Dia Typ .059 (4.0) .157 (8.7) .343
5
ON
12345678
(11.7) .461
(2.0) Typ .079
Overall Dia (330.0) 13.0
(24.4) .961
(30.4) Max 1.197
Direction of Feed
(0.3) .012 (2.7) 1.06
Reel Dimensions for JS0404FP4-R & JS0408FP4-R
Tape Dimensions for JS0408FP4-R
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07


▲Up To Search▲   

 
Price & Availability of JS0204FP4-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X