Part Number Hot Search : 
M62003P 73K224BL 2SC37 5NCF10KE 299020 ISL1539A PCD5032T 2002D
Product Description
Full Text Search
 

To Download JPO53-25V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Programmed Oscillator * JPO53 * 3.3/2.5V
Programmed SMD CMOS Oscillator * 5.0 x 3.2 mm
actual size fast delivery service tristate function reflow soldering temperature: 260 C max. RoHS compliant, ceramic/metal package
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range JPO53 3.3 V / 2.5 V 3.0 ~ 200.0 MHz (3.3 V, 15 pF) 3.0 ~ 130.0 MHz (2.5 V, 15 pF) 3.0 ~ 80.0 MHz (3.3 V, 30 pF) 3.0 ~ 70.0 MHz (2.5 V, 30 pF) frequency stability over all* current consumption supply voltage VDC temperature operating storage output rise & fall time load max. current max. low level max. high level min. standby function output enable time max. output disable time max. start-up time max. symmetry at 0.5 x VDC +/-30ppm ~ +/-100ppm (see table 1) see table 2 3.3 V / 2.5 V +/-10% -20C ~ +70C / -40C ~ +85C -55C ~ +125C see table 3 15 pF / 30 pF 8mA (3.3 V) / 4mA (2.5 V) 0.4 V VDC - 0.4 V tristate (weak pull up) 100ns 250ns 10ms 45% ~ 55% typ. (40% ~ 60% max. )
Table 1: Frequency Stability Code
stability code A 100 ppm -10 C ~ +70 C -40 C ~ +85 C O O O available B 50 ppm O G 30 ppm
*
*
*
-
standard
* includes stability at 25 C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
Table 2: Current Consumption max.
frequency range 3.0 ~ 70.0 MHz 3.0 ~ 80.0 MHz 3.0 ~ 130.0 MHz 130.0 ~ 200.0 MHz VDC =3.3 V - 28 mA 28 mA 32 mA VDC =2.5 V 20 mA - 20 mA - load at 30 pF at 30 pF at 15 pF at 15 pF
* a ceramics capacitor of 100nF between pin #2 and pin #4 with short distance wiring is strongly recommended
Table 3: Rise & fall time max.
6 ns: 3.0 ~ 70.0 MHz at 30 pF / 2.5 V 5 ns: 3.0 ~ 80.0 MHz at 30 pF / 3.3 V 4 ns: 3.0 ~ 100.0 MHz at 15 pF / 3.3 V & 2.5 V 3 ns: 100.0 ~ 130.0 MHz at 15 pF / 2.5 V & 3.3 V 2 ns: 130.0 ~ 200.0 MHz at 15 pF / 3.3 V note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC
Dimensions
1.3 max. 3.20.2 5.00.2 #4 #3 #1 #2 side view 1.20.1 1.20.1 #3 #2 2.540.1 #4 #1 1.00.1 1.50.1
pin connection # 1: e/d # 2: ground # 3: output # 4: VDC
in mm
2.540.1 pad layout
top view
bottom view
Order Information
O
Oscillator
frequency in MHz
type
frequency stability code
supply voltage code
output load code
standby function
2.20.1
temp. range
3.0 ~ 200.0 MHz (3.3 V) 3.0 ~ 130.0 MHz (2.5 V)
JPO53
see table 1
3.3 = 3.3 V 2.5 = 2.5 V
1 = 15 pF 2 = 30 pF
TRI = tristate function blank = -20 C ~ +70 C T1 = -40 C ~ +85 C
Example: O 125.0-JPO53-B-2.5-1-TRI-T1
(LF = RoHS compliant / Pb free pins or pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice 230908
Programmed Oscillator * JPO53 * 3.3/2.5V
Taping specification
1.75 4.00.1 2.0 o 1.50.1 0.30.05 7.25 0.1 120 12.4
12.00.3
5.40.1
o 13 o 60 o 178
in mm
2.0 o 21
8.00.1
3.50.1
o 1.5 min.
1.40.1
500 pcs per reel
Direction of feed
Reflow Soldering Profile
temperature (C)
260 200 150 100 50 60 ~120 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C
Marking (optional)
JPO / year / month / internal code date code: A ~ M: Jan.- Dec. 7: 2007 8: 2008 9: 2009
Jan. A July G
Febr. B Aug. H
Mar. C Sept. J
Apr. D Oct. K
May E Nov. L
June F Dec. M
time (s) note: parts are also suitable for soldering systems with lead (Pb) content
Packing Note
- - standard packing units are 500 pieces per reel non-multiple packing units are only supplied taped / bulk
Enable / Disable Function
pin #1 (e/d control) open high "1" (VIH 0.7 VDC) low "0" (VIL 0.3 VDC) tristate (TRI) function: * oscillator active * output high impedance (weak pull up) pin #3 (output) active active high impedance
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of JPO53-25V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X