Part Number Hot Search : 
RN5VL22A TME0505S AMS385AN 2M100 41200 A3187ELT AT24WC HER108G
Product Description
Full Text Search
 

To Download IDC-24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Catalog 1308242 Issued 3-03 (PDF Rev. 3-04)
P&B
IAC/OAC IDC/ODC
Input/Output Modules
File E81606 & E29244 File LR38595M77
Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
Features
* Industry standard package and pin-out. * Color coded by function. * 4,000V rms optical isolation. * High immunity to false operation. * Series compatible. * Output modules can be controlled from sinking or sourcing logic. * Compatible with 2IO series mounting boards.
Engineering Data (all I/O modules)
Switch Form: 1 Form A (SPST-NO) Duty: Continuous. Isolation: 4,000V rms, 60 Hz. Capacitance: 8 pF Typical (input to output). Operating Temperature: -30C to +80C. Storage Temperature: -40C to +85C. Potting Compound Flammability: UL94V-0. Approximate Weight: 1.38 oz. (35g).
Ordering Information
Typical Part Number 1. Basic Series: IAC = AC input module - yellow case IDC = DC input module - white case OAC = AC output module - black case ODC = DC output module - red case 2. Input or Logic Voltage: 5 = 5VDC 15 = 15VDC 24 = 24VDC 3. Options: Blank = IAC Type IDC Type OAC Type ODC Type A = IAC Type OAC Type ODC Type IDC Type = IAC Type = IDC Type
B
OAC
-5
H
-- 120VAC/VDC input (90-140VAC/VDC) * * -- 3.3-32VDC input * * -- 3A, 24-280VAC, zero voltage turn-on output -- 3A, 3-60VDC output -- 240VAC/VDC input (180-280VAC/VDC) * * -- 3A, 24-280VAC, zero voltage turn-on output -- 1A, 3-250VDC output -- 10-60VDC input * * -- -- 18-36VAC/VDC input * * 4-32VDC input & fast turn-on & turn-off times * * 5A, 24-280VAC, zero voltage turn-on output 5A, 12-280VAC, random voltage turn-on output
E F H R
= OAC Type -- = OAC Type --
* * Is not polarity sensitive.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
IAC-5 IAC-5A IAC-5E IAC-15 IAC-24 IDC-5 IDC-24 OAC-5 OAC-5A OAC-5H OAC-15 OAC-24 OAC-24A ODC-5 ODC-5A ODC-15 ODC-15A ODC-24
Dimensions are shown for
1110 reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
Catalog 1308242 Issued 3-03 (PDF Rev. 3-04)
P&B
IAC AC Input Modules
Input Specifications
IAC-5 IAC-15 IAC-24 Min. Typ. 90 120 20 6 28K IAC-5A IAC-15A IAC-24A Min. Typ. Max. 180 240 280 180 20 6 75K IAC-5E IAC-15E IAC-24E Min. Typ. Max. 18 24 36 18 3 18 2K
Parameter Control Voltage Range VIN Must Operate Voltage VIN(OP) Must Release Voltage VIN(REL) Max. Input Current Input Resistance
Conditions
@VIN=Max.
Units VAC/VDC VAC/VDC VAC/VDC mA Ohms
Max. 140 90
Output Specifications (@ +25C unless otherwise specified)
IAC-5 IAC-5A IAC-5E Min. Typ. IAC-15 IAC-15A IAC-15E Min. Typ. Max. 30 50 10 .2 12 15 18 18 20 30 Normally Open (SINKING) IAC-24 IAC-24A IAC-24E Min. Typ. Max. 30 50 10 .2 20 24 30 18 20 30 Normally Open(SINKING)
Parameter Maximum Output Voltage Maximum Output Current Maximum Output Leakage Current Maximum Output Voltage Drop Logic Supply Voltage VCC Logic Supply Current Turn-On Time (Nominal) Turn-Off Time (Nominal) Output Type (Open Collector)
Conditions
VOUT=Max. ISINK=50mA VCC=Max. ISINK=25mA ISINK=25mA
Units VDC mADC ADC VDC VDC mADC ms ms
3
5
Max. 30 50 10 .2 6 18 20 30
Normally Open(SINKING)
OAC AC Output Modules
Input Specifications
OAC-5 OAC-5A OAC-5H OAC-5R Min. Typ. Max. 3 5 8 3 1 20 220 OAC-15 OAC-15A OAC-15H OAC-15R Min. Typ. Max. 9 15 18 9 1 16 1000 OAC-24 OAC-24A OAC-24H OAC-24R Min. Typ. Max. 18 24 32 18 1 13 2000
Parameter Control Voltage Range VIN Must Operate Voltage VIN(OP) Must Release Voltage VIN(REL) Maximum Input Current Input Resistance RIN
Conditions
@VIN=Nominal
Units VDC VDC VDC mADC Ohms
PIN-3 must be positive with respect to PIN-4 for correct operation.
Output Specifications (47 to 63 Hz.,@ +25C unless otherwise specified)
OAC-5 OAC-5A OAC-15 OAC-15A OAC-24 OAC-24A Min. Typ. Max. 24 120/240 280 600 .05 3 58mA/C 40C - 80C 100 1 2 1.6 200 8.3 8.3 Normally Open 1A 1/4HP OAC-5H IAC-15H OAC-24H Min. Typ. 24 120/240 .05 66mA/C 30C - 80C 250 1 2 1.6 200 8.3 8.3 Normally Open 1A 1/2HP Max. 280 600 5 OAC-5R OAC-15R OAC-24R Min. Typ. 24 120/240 .05 66mA/C 30C - 80C 250 1 2 1.6 200 .1 8.3 Normally Open 1A 1/2HP Max. 280 600 5
Parameter Load Voltage VL Repetitive Blocking Voltage Load Current IL* Ouput Current Derating Single Cycle surge Current Leakage Current (Off-State) @ 60 Hz. On-State Voltage Drop Static dv.dt (Off-State) Turn-On Time Turn-Off Time Output Type (Form) H/P/ Rating @ 240VAC
Conditions
Units V rms V peak A rms mA/C A peak mA rms mA rms V peak V/s ms ms
VL=120VAC VL=240VAC IL=Max. @f=60 Hz.
Dimensions are shown for reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
1111
Catalog 1308242 Issued 3-03 (PDF Rev. 3-04)
P&B
IDC DC Input Modules
Input Specifications
IDC-5 IDC-15 IDC-24 Min. Typ. 3.3 24 2 34 1K IDC-5A IDC-15A IDC-24A Min. Typ. Max. 10 60 10 3 34 2K IDC-5F IDC-15F IDC-24F Min. Typ. Max. 4 32 4 1 68 500
Parameter Control Voltage Range VIN Must Operate Voltage VIN(OP) Must Release Voltage VIN(REL) Maximum Input Current Input Resistance
Conditions
@ VIN=Max.
Units VDC VDC VDC mA Ohms
Max. 32 3.3
Output Specifications (@ +25C unless otherwise specified)
Parameter Maximum Output Voltage Maximum Output Current Maximum Output Leakage Current Maximum Output Voltage Drop Logic Supply Voltage VCC Logic Supply Current Turn-On Time (Nominal) Turn-Off Time (Nominal) Output Type (Open Collector) Conditions Units VDC mADC ADC VDC VDC mADC ms ms IDC-5 IDC-5A IDC-15 IDC-15A IDC-24 IDC-24A IDC-5F IDC-15F IDC-24F Min Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max 30 30 30 30 30 30 50 50 50 50 50 50 10 10 10 10 10 10 .2 .2 .2 .2 .2 .2 3 5 6 12 15 18 20 24 30 3 5 6 12 15 18 20 24 30 18 18 18 18 18 18 1* 1* 1* .05 .05 .05 1* 1* 1* .10 .10 .10 Normally Open Normally Open Normally Open Normally Open Normally Open Normally Open
(SINKING) (SINKING) (SINKING) (SINKING) (SINKING)
VOUT=Max. ISINK=50mA VCC=Max. ISINK=25mA ISINK=25mA
(SINKING)
* Nominal Turn-On and Turn-Off times for IDC5A, IDC15A & IDC24A are 5 ms.
ODC DC Output Modules
Input Specifications
Parameter Control Voltage Range VIN Must Operate Voltage VIN(OP) Must Release Voltage VIN(REL) Maximum Input Current Input Resistance RIN Conditions Units VDC VDC VDC mADC Ohms ODC-5 ODC-5A Min. Typ. Max. 3 5 8 3 1 18 250 ODC-15 ODC-15A Min. Typ. Max. 9 15 18 9 1 16 1000 ODC-24 ODC-24A Min. Typ. Max. 18 24 32 18 1 13 2000
@ VIN=Nominal
PIN-3 must be positive with respect to PIN-4 for correct operation.
Output Specifications (@ +25C unless otherwise specified)
ODC-5 ODC-24 ODC-15 Typ. ODC-5A ODC-24A ODC-15A Typ.
Parameter Load Voltage VL Load Current IL Maximum Surge Current for 1 Second Maximum Leakage Current (Off-State) Maximum On-State Voltage Drop MaximumTurn-On Time MaximumTurn-Off Time
Conditions
VL=MAX IL=MAX
Units VDC ADC ADC ADC VDC ms ms
Min. 3 .01
Max. 60 3 5 500 1.5 .1 .75
Min. 3 .01
Max. 250 1 5 2000 1.5 .1 .75
At 40C, derate by 50mA/Cto 80C. PIN-1 must be positive with respect to PIN-2 for correct operation.
Dimensions are shown for
1112 reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
Catalog 1308242 Issued 3-03 (PDF Rev. 3-04)
P&B
IAC Operating Diagram
OAC Operating Diagram
1
1
INPUT
2
OUTPUT
2
ZERO OR RANDOM VOLTAGE CIRCUIT R IN
+VCC OUTPUT COMMON
3 4 5
SCHMIDT TRIGGER
+ INPUT -
3 4
EQUIVALENT CIRCUIT ONLY
EQUIVALENT CIRCUIT ONLY
IDC Operating Diagram
+
1
ODC Operating Diagram
+
1
+ OUTPUT
INPUT
2
- +
2
AMPLIFIER +VCC OUTPUT COMMON
3 4 5
SCHMIDT TRIGGER
+ 3 INPUT - 4
+
RC
EQUIVALENT CIRCUIT ONLY
EQUIVALENT CIRCUIT ONLY
Outline Dimensions
1.25 (31.8)
.270 (6.85 )
0.6 (15.2) .30 (7.62)
0.1 (2.54)
0.3 (7.62)
1.0 (25.4)
1.7 (43.18)
CAPTIVE #4-40 PHILLIPS HEAD HOLD DOWN SCREW
1.0 (25.4)
0.7 (17.8)
1.2 (30.5)
2
1
1.4 (35.6)
1.6 (40.6)
54
3
.042 DIA.TYP. (1.067 )
Note: Pin 5 is not present on Output Modules.
Dimensions are shown for reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
1113


▲Up To Search▲   

 
Price & Availability of IDC-24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X