Part Number Hot Search : 
50OHM SPLC564C 1057091 08A00 AS2520P RC5060 MBJ5333 N4902B
Product Description
Full Text Search
 

To Download HMI63-S480125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES HMI63 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES COMPACT 4"x2"x1"PCB FORMAT MEET MEDICAL STANDARD EN 60601-1/ UL 2601-1 EMI MEET EN 55011 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac. Rating 100 to 240Vac. Input Connector: V-M connector. Input Frequency: 47-63Hz. Inrush Current: 12.0A rms cold start @230Vac. Input Current: Typ. 0.9A@115Vac, 0.435 @230Vac. Dielectric Withstand: Meet IEC 60601-1. EMI: Meet EN 55011 & FCC Class B. Hold-up Time: Typ. 11.2mS @115Vac, 72mS @ 230Vac. Earth Leakage: Less than 0.1mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Connector: V-M connector. Output Wattage: Typ. 62 watts. Line Regulation: Typ. 0.1%. Load Regulation: Typ. 1.0%. Noise & Ripple: Typ. 1.0% peak to peak. OVP: Built-in at main output (Latch). Adjustability: Factory Set. Overload Protection (OLP): Fully protected against outputs overload and short circuit. Typ. OLP set at 105-120% of rating output power. Consult the factory for OLP setting. Operating Temperature: 0 to +50 C under forced air flow for full load. Derate by 1.3W/C from 40C to 50C. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04%/C. Cooling: At least 5 cfm direct forward air flow is required to achieve full rating power. Construction: 4"x2"x1" PCB format.
GENERAL SPECIFICATION
Efficiency: Typ. 80-89.5 %. (Various with output voltage). Switching Frequency: 85KHz. Circuit Topology: Fixed frequency flyback circuit. Transient Response: Output voltage returns in less than 0.5mS following a 50% load change. Safety Standard: Meet Medical standards UL 2601-1/ EN 60601-1 Class I. Power Density: 7.7Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.
-15-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HMI63-S120500 HMI63-S150400 HMI63-S240250 HMI63-S480125
Symbol: "" OVP built-in.
MAIN OUTPUT Typ. 5.00A 4.00A 2.50A 1.25A Volt. 12.0V 15.0V 24.0V 48.0V
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 121g (4.27 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT AC-L AC-N AC-G P1-L P1-N G CNTR/PIN# Mating connector: P1,2 Molex # 5195 or 5239 series. SINGLE OUTPUT VO1 DC COM P2-1,2 P2-3,4
-16-


▲Up To Search▲   

 
Price & Availability of HMI63-S480125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X