Part Number Hot Search : 
5TUZ47C AK4309 VO618A D740N CRH0805 AP161502 00TTS 6N548
Product Description
Full Text Search
 

To Download GSIB2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GSIB2005 THRU
GSIB20100
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current: 20.0A
Features
Glass passivated chip junction Ideal for printed circuit board High surge current capability High case dielectric strength This series is UL listed under Recognized Component Index, file number E185029
GSIB-5S
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS AND ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward Tc = 87(Note 1) Rectified output current at Ta = 25(Note 2) Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 10A Rating for fusing (t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Ta = 25 C Ta = 125 C (Note2) (Note1) Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Tj, Tstg GSIB2 005 50 35 50 GSIB2 010 100 70 100 GSIB2 020 200 140 200 GSIB2 040 400 280 400 20.0 3.5 240 1.0 240 10.0 250 22.0 1.5 -55 to +150 GSIB2 060 600 420 600 GSIB2 080 800 560 800 GSIB2 0100 1000 700 1000 units V V V A A V A2Sec A /W
Operating junction and storage temperature range
Note: 1. Unit case mounted onAl plate heatsink 2. Unit case mounted on P.C.B. with heatsink 3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
Rev.A8
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES GSIB2005 THRU GSIB20100
Rev.A8
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of GSIB2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X