Part Number Hot Search : 
GL450 XC21731 AN1127 D1040 B80C53 B1640 B45196 H16C60
Product Description
Full Text Search
 

To Download GPP1DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GPP6J
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE: 600V CURRENT: 6.0A
FEATURE
High current capability Low forward voltage drop High surge current capability Glass Passivated chip
P600\R-6
MECHANICAL DATA
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STDLead: 202, Method 208 guaranteed Polarity: color band denotes cathode High temperature soldering guaranteed: 250 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Mounting position: any Weight: 2.0 grams(about) Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 unless otherwise stated, C, for capacitive load, derate current by 20%)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified C Current 3/8" lead length at TL =50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current @6.0A Maximum DC Reverse Current at rated DC blocking voltage Typical Junction Capacitance Ta =25 C Ta =125 C (Note 1)
GPP6J 600 420 600 6.0 300.0 1.0 10.0 100.0 100 -55 to +150
units V V V A A V
A A
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj Tstg, Tj
pF
Storage and Operating Junction Temperature
C
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES GPP6J
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of GPP1DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X