Part Number Hot Search : 
MRF136 MD7540 G1VA10C DL5262B 9987GH 01300 321K1 U6809B
Product Description
Full Text Search
 

To Download GP30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP30A THRU GP30M
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 3.0A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.1A
DO-201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL GP 30A GP 30B GP 30D GP 30G GP 30J GP 30K GP 30M units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at 3.0A Maximum full load reverse current full cycle Average at 55C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Typical Reverse Recovery Time (Note 1) Typical Junction Capacitance Typical Thermal Resistance (Note 2) (Note 3)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj R(ja) Tstg, Tj
50 35 50
100 70 100
200 140 200
400 280 400 3.0 125.0
600 420 600
800 560 800
1000 700 1000
V V V A A
1.2 100.0 5.0 100.0 3.0 40.0 20.0 -65 to +175
1.1
V
A A A S
pF
Storage and Operating Junction Temperature
C /W C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A4 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES GP30A THRU GP30M
1
1
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of GP30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X