Part Number Hot Search : 
C68HC71 MC34002H 805A3 2N613 00051 228BP 2SC5289 KD221K75
Product Description
Full Text Search
 

To Download GBL005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBL005 THRU GBL10
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current:4.0A
Features
Glass passivated chip junction High case dielectric strength High surge current capability Ideal for printed circuit board
GBL
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS AND ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward Tc = 50(Note1) rectified output current Ta = 40(Note2) Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 4.0A Rating for fusing (t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Typical junction capacitance per leg at 4.0V,1MHz Operating junction and storage temperature range Ta = 25 C Ta = 125 C Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Cj Tj, Tstg 95 -55 to +150 GBL0 05 50 35 50 GBL0 1 100 70 100 GBL0 2 200 140 200 GBL0 4 400 280 400 4.0 3.0 150 1.0 93 5.0 500 22 3.5 40 GBL0 6 600 420 600 GBL0 8 800 560 800 GBL1 0 1000 700 1000
units V V V A A V A2Sec A /W pF
Note: 1. Unit mounted on P.C.B. with 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) Aluminum plate 2. Unit mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5"(12 x 12mm) copper pads
Rev.A9
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES GBL005 THRU GBL10
Rev.A9
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of GBL005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X