Part Number Hot Search : 
OM5234 PIC10F GCM1555 PE53828S L2610X HYS64T64 V25S115P 600ETTT
Product Description
Full Text Search
 

To Download GA2100101105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Absolute encoders - parallel
Shaft with clamping or synchro flange Singleturn encoder 10 bit, gray or binary
GA210, GA211 - Parallel
Features - Encoder singleturn / parallel - Optical sensing - Resolution: 10 bit - Clamping flange or synchro flange - Low-cost encoder - Short-circuit proof push-pull outputs - Output release by enable signal - Extreme compact design - Reset input
GA210 with clamping flange Technical data - electrical ratings Voltage supply Consumption w/o load Initializing time (typ.) Interface Steps per turn Absolute accuracy Sensing method Code Code sequence Inputs 10...30 VDC 60 mA (24 VDC) 20 ms after power on 10 parallel outputs 1024 / 10 bit 0.1 Optical Gray or binary CW/CCW coded by connection Control signals UP/DOWN and zero STORE ENABLE Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 UL approval / E63076 Weight approx. E-connection GA210 - Parallel Shaft Flange GA211 - Parallel Shaft Flange o6 mm Synchro flange o10 mm Clamping flange Reverse polarity protection Yes Technical data - mechanical design Housing Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Admitted shaft load Materials Operating temperature Relative humidity Resistance o58 mm IP 54 without shaft seal IP 65 with shaft seal 10000 rpm (mechanical) 6000 rpm (electric) 0.015 Nm IP 54 0.03 Nm IP 65 14.5 gcm 20 N axial 40 N radial Housing: aluminium Flange: aluminium -25...+85 C -40...+85 C (optional) DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 250 g Connector or cable
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
Output circuit Interference immunity Emitted interference Approval
95 % non-condensing
1
www.baumerivo.com
Shaft with clamping or synchro flange Singleturn encoder 10 bit, gray or binary
Absolute encoders - parallel
GA210, GA211 - Parallel
Part number Clamping flange GA210. 05 E-connection M23 connector, 16-pin axial M23 connector, 16-pin radial Cable 1 m, axial Cable 1 m, radial Synchro flange GA211. 05 E-connection M23 connector, 16-pin axial M23 connector, 16-pin radial Cable 1 m, axial Cable 1 m, radial
B0 B1 11 21
B0 B1 11 21
Voltage supply / signals 10 10...30 VDC / gray code push-pull 12 10...30 VDC / binary code push-pull Flange / Shaft 0 Clamping flange / o10 mm IP 54 A Clamping flange / o10 mm IP 65
Voltage supply / signals 10 10...30 VDC / gray code push-pull 12 10...30 VDC / binary code push-pull Flange / Shaft 1 Synchro flange / o6 mm IP 54 B Synchro flange / o6 mm IP 65 Accessories Connectors and cables (page %S) Z 131.001 Z 131.003 Z 131.005 Z 131.007 Z 119.013 Z 119.017 Z 119.006 Z 119.015 Z 119.035 Mating connector M23, 16-pin, less cable Mating connector M23, 16-pin, 2 m cable Mating connector M23, 16-pin, 5 m cable Mating connector M23, 16-pin, 10 m cable Adaptor plate for clamping flange for modification into synchro flange Mounting angle for clamping flange Eccentric fixing, single Mounting adaptor for synchro flange Bearing flange for encoders with synchro flange
Mounting accessories for GA210 - Parallel (page %S)
Mounting accessories for GA211 - Parallel (page %S)
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
2
www.baumerivo.com
Absolute encoders - parallel
Shaft with clamping or synchro flange Singleturn encoder 10 bit, gray or binary
GA210, GA211 - Parallel
Terminal significance UB GND Outputs D0-D9 Zero setting Encoder voltage supply. Encoder ground connection relating to UB. 10 parallel output signals. Input for setting a zero point anywhere within the programmed encoder resolution. The zero setting operation is triggered by a High impulse and has to be in line with the selected direction of rotation (UP/DOWN). Connect to GND after setting operation for maximum interference immunity. Impulse duration >100 ms. UP/DOWN counting direction input. This input is standard on High. UP/DOWN means ascending output data with clockwise shaft rotation when looking at flange. UP/DOWN-Low means ascending values with counterclockwise shaft rotation when looking at flange. Input for activating the output drivers that are triggered by input level Low. Upon being on High (or less potential) the output drivers switch to high-impedance (Tristate). Input for output data storage. Upon a Low input level the encoder data are stored in the intermediate memory. Upon being on High (or less potential) the current encoder position data are switched to the output drivers. This line must be applied for reliable data readout in binary code. Terminal assignment Connector Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 Pin 11 Pin 12 Pin 13 Pin 14 Pin 15 Pin 16 Core colour violet white/brown white/green white/yellow white/grey white/pink white/blue white/red white/black green/brown green/grey blue yellow brown red pink Assignment Output D0 Output D1 Output D2 Output D3 Output D4 Output D5 Output D6 Output D7 Output D8 Output D9 Zero setting GND ENABLE UP/DOWN UB STORE
UP/DOWN
ENABLE
STORE
10 11 1 9 16 13 2 12 8 15 14 3 7 4 65
Trigger level Control inputs Input level High Input level Low Input resistance Parallel outputs Output level High Output level Low Load High Load Low Tristate Input circuit >0.7 UB <0.3 UB 10 k Output circuit Push-pull circuit-proof >UB -3.5 V (I = -20 mA) <0.5 V (I = 20 mA) <-30 mA <30 mA <10 A
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
3
www.baumerivo.com
Shaft with clamping or synchro flange Singleturn encoder 10 bit, gray or binary
Absolute encoders - parallel
GA210, GA211 - Parallel
Dimensions GA210 clamping flange M3 x 5 120 20 51 10 20 9 o10h8 15 51 10 20 15 11.5 9 51 9 o10h8 10 20 9 o10h8
o6 f8
36f8 48 0.1 58
15
51
10 20 15
15
58 59 22
13
16.6
GA211 synchro flange
10 M4 x 7 120 20 57 4 9. 57 4 9. 11.5 10
o6 f8
o10h8
42 0.1 50 h7 58 57
3 3 10 4 9. o6 f8 57 4 3
3
10
9. o6 f8
58 22 3 3 59
3 3 16.6
13
4
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
15
5.5
5.5
5.5
5.5


▲Up To Search▲   

 
Price & Availability of GA2100101105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X