Part Number Hot Search : 
200AA 23PN010 25001 CS161 1117A SZ25A33 731B0406 29LV160B
Product Description
Full Text Search
 

To Download G3SBA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G3SBA05 THRU G3BA100
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current: 4.0A
Features
Ideal for printed circuit board Glass passivated chip junction High surge current capability This series is UL listed under Recognized Component Index, file number E185029
GBU
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: Thru hole for #6 screw
Dimensions in millimeters
MAXIMUM
RATINGS AND
ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified Tc = 100 (Note 1) output current at Ta = 25 (Note 2) Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 2.0A Rating for fusing (t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Ta = 25 C Ta = 125 C (Note2) (Note1) Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Tj, Tstg G3SB A05 50 35 50 G3SB A10 100 70 100 G3SB A20 200 140 200 G3SB A40 400 280 400 4.0 2.3 80 1.0 27 5.0 400 26.0 5.0 -55 to +150 G3SB A60 600 420 600 G3SB A80 800 560 800 G3SB A100 1000 700 1000
units V V V A A V A2Sec A /W
Operating junction and storage temperature range
Note: 1. Unit case mounted on Al. Plate heatsink 2. Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads, 0.375" (9.5mm) lead length 3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
Rev.A8
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES G3SBA05 THRU G3SBA100
Rev.A8
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of G3SBA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X