Part Number Hot Search : 
CAT3612 5248B SMF103B R2060 21712 HIP6021A TRLPB LC5732
Product Description
Full Text Search
 

To Download G2SBA60-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G2SBA60-E
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 600V Current: 1.5A
Features
Glass passivated chip junction Ideal for printed circuit board High case dielectric strength High surge current capability Halogen Free
GBL
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Halogen Free Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS AND ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current Ta = 25 Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 0.75A Rating for fusing (t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Operating junction and storage temperature range Ta = 25 C Ta = 125 C Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Tj, Tstg G2SBA60-E 600 420 600 1.5 60 1.0 15 5.0 300 40.0 12.0 -55 to +150
units V V V A A V A2Sec A /W
Note: 1. Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads, 0.375" (9.5mm) lead length
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES G2SBA60-E
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of G2SBA60-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X