Part Number Hot Search : 
2SK18 78MXX AUP1T 101EC 200AAO5B 0100S CST4108 SW07S
Product Description
Full Text Search
 

To Download FTR-F3AA005EHA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER RELAY POLE 5A sLIM TYPE RELAY
FTR-F3-HA series
n FEATuREs
HIGHDENSITYMOUNTING Slimtypewith7mmwidthand142mm2mountingspace l HIGHISOLATION Insulation Distance: Minimum 6mm between coil and contact(conformstoIEC60065) DielectricStrength:4KV SurgeStrength:10KV l HIGHCOILSENSITIVITY Nominalcoilpowerconsumptionof200mW l CADMIUMFREECONTACTFORECO-PROGRAM l SAFETYSTANDARDS UL,CSA,VDE,SEMKO,CQC l Plasticsealedrelay
l lRoHScompliantsincedatecode:0435R1,0432R2,
RoHs compliant
0429R3,0434R4,0437L2 Pleaseseepage6formoreinformation
n ORDERING INFORMATION
[Example]
FTR-F3A A 012 E-HA (a) b)(c) (d) (e)(f ) (
(a) (b) (c) (d) (e) (f)
Series Nam e Contact Arrangemen t Coil Typ e Coil Nominal Voltag e Contact Materia l Contact Ratin g
FTR-F 3 A : 1 Form A (SPST-NO ) A : Standard (200mW ) 005 : 5DC 006 : 6DC 009 : 9DC 012 : 12DC 018 : 18DC 024 : 24DC
E : Silver nickel HA : 5A sealing confirmed
Remarks:ActualmarkingonrelaywouldnotcarrycodeFTRandbeasbelow: Orderingcode FTR-F3AA012E Actualmarking F3AA012E
FTR-F3-HA sERIEs
n PART NuMBERs
OrderingPartNumber FTR-F3AA005E-HA FTR-F3AA006E-HA FTR-F3AA009E-HA FTR-F3AA012E-HA FTR-F3AA018E-HA FTR-F3AA024E-HA FTR-F3 1formA Standard (200mW) Series Contact Coil Power Coil Voltage 5 6 9 12 18 24 Silvernickel 5A Contact Material ContactRating
n COIL DATA CHART
Coil Voltage 005 006 009 012 018 024 Nominal Voltage (VDC) 5 6 9 12 18 24 Max.Coil Voltage*1 12.0VDC 14.4VDC 21.6VDC 28.8VDC 43.2VDC 57.6VDC Coil MustOperate Resistance Voltage*2 (10%) 125 180 405 720 1,620 2,880 3.75VDC 4.5VDC 6.75VDC 9.0VDC 13.5VDC 18.0VDC Must Release Voltage*2 0.5VDC 0.6VDC 0.9VDC 1.2VDC 1.8VDC 2.2VDC 200mW Coil Power
Note:Allvaluesinthetablearemeasuredat20C. *1:Nocontactcurrentat20C *2:Specifiedvaluesaresubjecttopulsewavevoltage
2
FTR-F3-HA sERIEs
n sPECIFICATIONs
Item Contact Arrangement Material Configuration Resistance(initial) Rating MaximumCarryCurrent MaximumSwitchingPower MaximumSwitchingVoltage MaximumSwitchingLoad*1 Coil RatingPower MustOperatePower OperatingTemperature TimeValue OperateTime(withoutdiode) ReleaseTime(withoutdiode) Life Other Mechanical Electrical Vibration Resistance Shock Resistance Weight Misoperation Endurance Misoperation Endurance FTR-F3AA()E-HA 1formA(SPST-NO) Silvernickel Single Maximum100mat6VDC,1A 5A,250VAC/30VDC 5A 1,250VA/150W 277VAC/30VDC 10mA5VDC 200mW 113mW -40Cto+70C(nofrost) Maximum10ms Maximum10ms 5x106operationsminimum 100x103operationsminimum 10to55Hz,atdoubleamplitudeof1.5mm 10-55Hz,atdoubleamplitudeof1.5mm Min.100m/s2(111ms) Approximately4g Min.1,000m/s2(61ms)
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactual loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand expectedreliabilitylevels.
n INsuLATION
Item Resistance(500VDC) Dielectric Strength opencontacts coilandcontacts FTR-F3 Minimum1,000M 750VAC(50/60Hz)1min. 4,000VAC(50/60Hz)1min. 10,000V(1.2x50sstandardwave) 6mm/6mm 250V 2 IIa
SurgeVoltage(coilandcontact) Clearance/Creepage Insulation(DINEN61810-1VDE0435) Voltage Pollution Isolationmaterialgroup
Isolationcategory/Referencevoltage(VDE01106) C/250V
3
FTR-F3-HA sERIEs
nsAFETY sTANDARDs
Type UL Compliance UL508 E63614 CSA VDE SEMKO C22.2No.14 LR40304 0435 EN61058-1:1992+A1:1993 EN61095:1993+A11 Contactrating Flammability:UL94-V0(plastics) 5A,30VDC/277VAC(resistive) 1/10HP,250VAC/125VAC 1/8HP,277VAC Pilotduty:D300,120VAC/240VAC 5A,250VAC/30VDC85C 4A,250VACbreak1AcosO=0.8,85C 5A,250VAC 40T70
n CHARACTERIsTIC DATA
NominalVoltageMult.Factor
100 90 80 70 60 50 40 30 20 10 0
Coil temperature rise
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6
OperatingRange
3A 5A 0A
10 5
Maximum Switching Power
AC Resistive FTR-F3
FTR-F3
Temperature rise (C)
Contact Current (A)
3
5A carrying current on contact 3A carrying current on contact
2 1 0.5 0.2 10 20 50 100 200 500
Non carrying current on contact
il) hotco ltage( ngvo perati lcoil) O e(coo voltag erating Op
0 10 20 30 40 50 60 70 80 90 100 110
DC Resistive
0
0.1
0.2 0.3 0.4 Coil power (W)
0.5
AmbientTemperature(C)
Contact Voltage (V)
100
Life Curve
FTR-F3-HA
Distribution of operate and release voltage
100 80
Operate Release
FTR-F3AA012E-HA n=100
100 80
Distribution (%)
Distribution of contact resistance
FTR-F3AA012E n=100
Service life (x104 operations)
50
AC125 V
Distribution (%)
AC250V/DC30V AC125V cos=0.4
Make
20 10 5
60 40 20 0 20 40 60 80 100
60 40 20 0 4 8 12 16 20
AC250V cos=0.4 DC30V =7ms DC30V =15ms
2 1
Nominal voltage multiplying factor (%)
4 5 6
0
Contact load current (A)
1
2
3
Contact resistance (m)
4
FTR-F3-HA sERIEs
n DIMENsIONs
lDimensions lSchematics (BOTTOMVIEW)
7.0+0.2 (.275+.012)
lPC board mounting hole layout (BOTTOMVIEW)
4-o1.1(.043)
20.3 +0.2(.799+.008)
1
15.0 +0.3(.590+.012)
2
COM
NO
4.7(.185)
0.5(.020)
1.32(.052)
0.35(.014) 1.32(.052) f0.45(.017) f0.45(.017) 2.7 (.106) 8.8(.346) 7.0(.276)
3.3 (.138)
4
3
2.7 (.106)
8.8(.346)
7(.276)
0.35(.014)
0.8(.031) 4.7 (.185) 1.25(.049)
1.25(.049)
5
FTR-F3-HA sERIEs
RoHs Compliance and Lead Free Relay Information
. General Information
Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now.Allofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu. l AllsignalandpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems(compatible). l "LF"ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists. Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC)
l

2. Recommended Lead Free Solder Profile
l
RecommendedsolderpasteSn-3.0Ag-0.5Cu.
Reflow Solder condition Flow Solder condition:
Pre-heating: Soldering: maximum120C dipwithin5sec.at 260Csolerbath
Solder by Soldering Iron:
SolderingIron Temperature: maximum360C Duration: maximum3sec.
We highly recommend that you confirm your actual solder conditions
3. Moisture sensitivity
l
MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys. DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin housetest.
4. Tin Whisker
l
6
FTR-F3-HA sERIEs
Fujitsu Components International Headquarter Offices
Japan FujitsuComponentLimited Gotanda-ChuoBuilding 3-5,Higashigotanda2-chome,Shinagawa-ku Tokyo141,Japan Tel:(81-3)5449-7010 Fax:(81-3)5449-2626 Email:promothq@ft.ed.fujitsu.com Web:www.fcl.fujitsu.com North and south America FujitsuComponentsAmerica,Inc. 250E.CaribbeanDrive Sunnyvale,CA94089U.S.A. Tel:(1-408)745-4900 Fax:(1-408)745-4970 Email:components@us.fujitsu.com Web:http://www.fujitsu.com/us/services/edevices/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan25 2132WVHoofddorp Netherlands Tel:(31-23)5560910 Fax:(31-23)5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 102EPasirPanjangRoad #01-01CitilinkWarehouseComplex Singapore118529 Tel:(65)6375-8560 Fax:(65)6273-3021 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/
(c)2008FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev.January7,2008.
7


▲Up To Search▲   

 
Price & Availability of FTR-F3AA005EHA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X