Part Number Hot Search : 
WGP15G65 0ETTTS 54FDG 1N5374A BD169 0512E BUF420AW M7010R
Product Description
Full Text Search
 

To Download FTLF8524P2BNL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2xNy
PRODUCT FEATURES Up to 4.25 Gb/s bi-directional data links Hot-pluggable SFP footprint Built-in digital diagnostic functions 850nm Oxide VCSEL laser transmitter Duplex LC connector RoHS Compliant and Lead Free Up to 500m on 50/125m MMF, 300m on 62.5/125m MMF Metal enclosure, for lower EMI Single 3.3V power supply Extended operating temperature range: -20C to 85C Finisar's FTLF8524P2xNy Small Form Factor Pluggable (SFP) transceivers are compatible with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)1. They are compatible with Fibre Channel FC-PI-2 Rev. 7.02. Rate Selectable versions are also compatible with Gigabit Ethernet as specified in IEEE Std 802.33. They are RoHS compliant and lead-free per Directive 2002/95/EC4 and Finisar Application Note AN2038. Digital diagnostics functions are available via the 2-wire serial bus specified in the SFP MSA. PRODUCT SELECTION APPLICATIONS Tri-Rate 1.063/2.125/4.25 Gb/s Fibre Channel 1.25 Gb/s 1000Base-SX Ethernet (Rate selectable version)
FTLF8524P2xNy
x y W B L V Wide Extraction Bail Narrow Extraction Bail Non Rate Selectable - 1x, 2x, 4x Fibre Channel Rate Selectable - 1x, 2x, 4x Fibre Channel and Gigabit Ethernet
Finisar Corporation March 14, 2005 Rev. I
Page 1
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
I.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Pin Descriptions
Symbol VEET TFAULT TDIS MOD_DEF(2) MOD_DEF(1) MOD_DEF(0) Rate Select LOS VEER VEER VEER RDRD+ VEER VCCR VCCT VEET TD+ TDVEET Name/Description Transmitter Ground (Common with Receiver Ground) Transmitter Fault. Not supported. Transmitter Disable. Laser output disabled on high or open. Module Definition 2. Data line for Serial ID. Module Definition 1. Clock line for Serial ID. Module Definition 0. Grounded within the module. 1.063 Gb/s or 2.125 Gb/s Fibre Channel, 1.25 Gb/s Open or Low = Gigabit Ethernet (Low Bandwidth) 2.125 or 4.25 Gb/s Fibre Channel (High Bandwidth) High = Loss of Signal indication. Logic 0 indicates normal operation. Receiver Ground (Common with Transmitter Ground) Receiver Ground (Common with Transmitter Ground) Receiver Ground (Common with Transmitter Ground) Receiver Inverted DATA out. AC Coupled Receiver Non-inverted DATA out. AC Coupled Receiver Ground (Common with Transmitter Ground) Receiver Power Supply Transmitter Power Supply Transmitter Ground (Common with Receiver Ground) Transmitter Non-Inverted DATA in. AC Coupled. Transmitter Inverted DATA in. AC Coupled. Transmitter Ground (Common with Receiver Ground) Ref. 1 2 3 3 3 4 5 1 1 1
1
1
1
Notes: 1. Circuit ground is internally isolated from chassis ground. 2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V. 3. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V. MOD_DEF(0) pulls line low to indicate module is plugged in. 4. For Rate Selectable version only: In accordance with SFF Committee SFF-8079 Draft Rev. 1.6, Table 3. Note that rate select can also be set through 2-wire bus in accordance with SFF-84725 at Bit 3, Byte 110, Address A2h (note: writing `1' selects full bandwidth operation). Rate select is the logic OR of the input state of Rate Select Pin and 2-wire bus. Non Rate Selectable version can operate at 1x, 2x, 4x Fibre Channel independent of rate select pin setting. 5. LOS is open collector output. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
VeeT 1 2 3 4 VeeT TDTXFault TD+ TX Disable VeeT MOD-DEF(2) VccT 16 15 14 13 12 11 MOD-DEF(1) VccR 6 7 8 9 10 MOD-DEF(0) VeeR Rate Select RD+ LOS RDVeeR VeeR VeeR 17 18 19 20
Towards Bezel
5
Towards ASIC
Diagram of Host Board Connector Block Pin Numbers and Names Finisar Corporation March 14, 2005 Rev.I
Page 2
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
II.
Absolute Maximum Ratings
Symbol Vcc TS TA RH Min -0.5 -40 -20 0 Typ Max 4.0 85 85 85 Unit V C C % Ref.
Parameter Maximum Supply Voltage Storage Temperature Case Operating Temperature Relative Humidity
1
III.
Electrical Characteristics (TA = -20 to 85 C, VCC = 3.0 to 3.6 Volts)
Symbol Vcc Icc Rin Vin,pp VD VEN Vout,pp tr tf VLOS fault VLOS norm PSR RX DJ RX Min 3.0 Typ 180 100 150 2 Vee 300 350 1200 Vcc Vee+ 0.8 550 120 120 VccHOST Vee+0.8 51.7 23.5 122 61 Max 3.6 240 Unit V mA mV V V mV ps ps V V mVpp ps ps ps ps Ref.
Parameter Supply Voltage Supply Current Transmitter Input differential impedance Single ended data input swing Transmit Disable Voltage Transmit Enable Voltage Receiver Single ended data output swing Data output rise time Data output fall time Mask Margin LOS Fault LOS Normal Power Supply Rejection Deterministic Jitter Contribution @ 2.125 Gb/s Determinstic Jitter Contribution @ 4.25 Gb/s Total Jitter Contribution @ 2.125 Gb/s Total Jitter Contribution @ 4.25 Gb/s
2 3 4
5 6 6 7 7 8 9 9 10 10
40% 2 Vee 100
TJ
Notes: 1. Non condensing. 2. Connected directly to TX data input pins. AC coupling from pins into laser driver IC. 3. We recommend <600mV for best EMI performance. 4. Or open circuit. 5. Into 100 ohms differential termination. 6. Unfiltered, 20 - 80 % 7. LOS is an open collector output. Should be pulled up with 4.7k - 10kohms on the host board. Normal operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V. 8. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to specified value applied through the recommended power supply filtering network. 9. Typical peak-to-peak jitter (=6*RMS width of Jitter). 10. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ and DJ. If measured with TJ-free data input signal. In actual application, output TJ will be given by:
TJ OUT = DJ IN + DJ +
(TJ IN
- DJ IN ) + (TJ - DJ )
2
2
Finisar Corporation March 14, 2005 Rev.I
Page 3
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
IV.
Optical Characteristics (TOP = -20 to 85 C, VCC = 3. 00 to 3.60 Volts)
Symbol POUT OMA OMA OMA tr/ tf RIN TX DJ TX DJ TX TJ TX TJ ER Min -9 830 247 196 156 90 -118 56.5 28.2 119 56.5 9 45% RxSENS RxSENS RxSENS RxSENS 0.055 0.096 0.138 RxMAX C LOSD LOSA 770 12 -30 0.5 -13.5 0 1500 2500 860 -20 -20 -18 -15 -20 dBm dBm dBm dBm mW mW mW dBm dBm MHz MHz nm dB dBm dBm dB 7 7 7 8 9 9 9 10 11 12 Typ Max -2.5 860 0.85 Unit dBm nm nm W W W ps dB/Hz ps ps ps ps dB Ref. 1
Parameter Transmitter Output Opt. Pwr: 50 or 62.5 MMF Optical Wavelength Spectral Width Optical Modulation Amplitude @ 4.25 Gb/s Optical Modulation Amplitude @ 2.125 Gb/s Optical Modulation Amplitude @ 1.0625 Gb/s Optical Rise/Fall Time Relative Intensity Noise Deterministic Jitter Contribution @ 2.125 Gb/s Deterministic Jitter Contribution @ 4.25 Gb/s Total Jitter Contribution @ 2.125 Gb/s Total Jitter Contribution @ 4.25 Gb/s Extinction Ratio @ 1.25 Gb/s Mask Margin Receiver Receiver Sensitivity = 1.0625 Gb/s Receiver Sensitivity = 2.125 Gb/s Receiver Sensitivity = 4.25 Gb/s Receiver Sensitivity = 1.25 Gb/s Stressed RX sens. =1.0625 Gb/s Stressed RX sens. =2.125 Gb/s Stressed Rx sens. = 4.25 Gb/s Stressed RX sens. =1.25 Gb/s Average Receiver Power Receiver Elec. 3 dB cutoff frequency Receiver Elec. 3 dB cutoff frequency Optical Center Wavelength Optical Return Loss LOS De-Assert LOS Assert LOS Hysteresis
2 2 2 3 4 4 5 5 6
Notes: 1. Class 1 Laser Safety per FDA/CDRH, and EN (IEC) 60825 laser safety standards. 2. Equivalent extinction ratio specification for Fibre Channel. Allows smaller ER at higher average power. 3. Unfiltered, 20-80%. Complies with FC 1x and 2x eye mask when filtered. 4. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ and DJ. 5. If measured with TJ-free data input signal. In actual application, output TJ will be given by:
TJ OUT = DJ IN + DJ +
6. 7. 8. 9.
(TJ IN
- DJ IN ) + (TJ - DJ )
2
2
Applicable for Rate Selectable version only in low bandwidth mode. Specifications are for 50 micro-meter or 62.5 micro-meter fiber. As measured with 9dB extinction ratio. Measured with conformance signals defined in FC-PI-2 Rev. 7.0 specifications.
Finisar Corporation March 14, 2005 Rev.I
Page 4
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
10. Measured with conformance signals defined in IEEE 802.3 specifications. 11. Rate Selectable version in low bandwidth mode. 12. Rate Selectable version in high bandwidth mode.
V.
General Specifications
Parameter Symbol BR Min Typ 1.062, 1.25, 2.125, 4.25 Max Units Gb/sec Ref. 1
Data Rate
Bit Error Rate Fiber Length on 50/125m MMF Fiber Length on 62.5/125m MMF
BER L L
10-12 550 300 150 300 150 70
m m
5 2 3 4 2 3 4
Notes: 1. 1x, 2x,4x Fibre Channel compatible, per FC-PI-2 Rev. 7.0. Rate selectable version is also Gigabit Ethernet compatible per IEEE 802.3. 2. At 1.0625 Gb/s Fibre Channel data rate and, for rate selectable version, at 1.25 Gb/s Gigabit Ethernet data rate. 3. At 2.125 Gb/s Fibre Channel data rate. 4. At 4.25 Gb/s Fibre Channel data rate 5. 4.25Gb/s with PRBS 27-1.
VI.
Environmental Specifications
Finisar 850nm SFP transceivers have an extended operating temperature range from -20C to +85C case temperature.
Parameter Case Operating Temperature Storage Temperature Symbol Top Tsto Min -20 -40 Typ Max 85 85 Units C C Ref.
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations. These products are certified by TUV and CSA to meet the Class 1 eye safety requirements of EN (IEC) 60825 and the electrical safety requirements of EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.
Finisar Corporation March 14, 2005 Rev.I
Page 5
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
VIII. Digital Diagnostic Functions Finisar FTLF8524P2xNy SFP transceivers support the 2-wire serial communication protocol as defined in the SFP MSA1. It is very closely related to the E2PROM defined in the GBIC standard, with the same electrical specifications. The standard SFP serial ID provides access to identification information that describes the transceiver's capabilities, standard interfaces, manufacturer, and other information. Additionally, Finisar SFP transceivers provide a enhanced digital diagnostic monitoring interface, which allows real-time access to device operating parameters such as transceiver temperature, laser bias current, transmitted optical power, received optical power and transceiver supply voltage. It also defines a sophisticated system of alarm and warning flags, which alerts end-users when particular operating parameters are outside of a factory set normal range. The SFP MSA defines a 256-byte memory map in E2PROM that is accessible over a 2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally defined serial ID memory map remains unchanged. The interface is identical to, and is thus fully backward compatible with both the GBIC Specification and the SFP Multi Source Agreement. The complete interface is described in Finisar Application Note AN2030: "Digital Diagnostics Monitoring Interface for SFP Optical Transceivers". The operating and diagnostics information is monitored and reported by a Digital Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed through a 2-wire serial interface. When the serial protocol is activated, the serial clock signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the SFP transceiver into those segments of the E2PROM that are not write-protected. The negative edge clocks data from the SFP transceiver. The serial data signal (SDA, Mod Def 2) is bi-directional for serial data transfer. The host uses SDA in conjunction with SCL to mark the start and end of serial protocol activation. The memories are organized as a series of 8-bit data words that can be addressed individually or sequentially. For more information, please see the SFP MSA documentation1,5 and Finisar Application Note AN-2030. Please note that evaluation board FDB-1018 is available with Finisar ModDEMO software that allows simple to use communication over the 2-wire serial interface.
Finisar Corporation March 14, 2005 Rev.I
Page 6
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
IX. Digital Diagnostic Specifications FTLF8524P2xNy transceivers can be used in host systems that require either internally or externally calibrated digital diagnostics.
Parameter Symbol Accuracy DDTemperature Internally measured transceiver temperature DDVoltage Internally measured transceiver supply voltage DDBias Measured TX bias current DDTx-Power Measured TX output power DDRx-Power Measured RX received average optical power Dynamic Range for Rated Accuracy DDTemperature Internally measured transceiver temperature DDVoltage Internally measured transceiver supply voltage DDBias Measured TX bias current DDTx-Power Measured TX output power DDRx-Power Measured RX received average optical power Max Reporting Range DDTemperature Internally measured transceiver temperature DDVoltage Internally measured transceiver supply voltage DDBias Measured TX bias current DDTx-Power Measured TX output power DDRx-Power Measured RX received average optical power Min Typ Max 3 100 10 2 2 Units C mV % dB dB 1 Ref.
-20 3.0 0 -9 -20
85 3.6 20 -2.5 0
C V mA dBm dBm
-40 2.8 0 -10 -22
125 4.0 20 -3 0
C V mA dBm dBm
Notes: 1. Accuracy of Measured Tx Bias Current is 10% of the actual Bias Current from the laser driver to the laser.
Finisar Corporation March 14, 2005 Rev.I
Page 7
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
X.
Mechanical Specifications
Finisar's Small Form Factor Pluggable (SFP) transceivers are compatible with the dimensions defined by the SFP Multi-Sourcing Agreement (MSA).
FTLF8524P2BNy
Finisar Corporation March 14, 2005 Rev.I
Page 8
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
FTLF8524P2WNy
Finisar Corporation March 14, 2005 Rev.I
Page 9
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
XI. PCB Layout and Bezel Recommendations
Finisar Corporation March 14, 2005 Rev.I
Page 10
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
Finisar Corporation March 14, 2005 Rev.I
Page 11
FTLF8524P2xNy Pluggable SFP Product Specification - March 2005
XII.
References
1. Small Form-factor Pluggable (SFP) Transceiver Multi-source Agreement (MSA), September 14, 2000. 2. "Fibre Channel Draft Physical Interface Specification (FC-PI-2 Rev. 7.0)". American National Standard for Information Systems. 3. IEEE Std 802.3, 2002 Edition, Clause 38, PMD Type 1000BASE-SX. IEEE Standards Department, 2002. 4. Directive 2002/95/EC of the European Council Parliament and of the Council, "on the restriction of the use of certain hazardous substances in electrical and electronic equipment." January 27, 2003. 5. "Digital Diagnostics Monitoring Interface for Optical Transceivers". SFF Document Number SFF-8472, Revision 9.3.
XIII. For More Information Finisar Corporation 1308 Moffett Park Drive Sunnyvale, CA 94089-1133 Tel. 1-408-548-1000 Fax 1-408-541-6138 sales@finisar.com www.finisar.com
Finisar Corporation March 14, 2005 Rev.I
Page 12


▲Up To Search▲   

 
Price & Availability of FTLF8524P2BNL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X