Part Number Hot Search : 
1117AG NTRPB 1000A ISL95310 1209D 131FET18 203292 D1169
Product Description
Full Text Search
 

To Download FR151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR151 THRU FR157
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 1.5A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension Fast switching for high efficiency
DO-15\DO-201AC
MECHANICAL DATA
Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature Note:
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj R(ja) Tstg,Tj
FR 151 50 35 50
FR 152 100 70 100
FR 153 200 140 200
FR 154 400 280 400 1.5 60.0 1.3 5.0
FR 155 600 420 600
FR 156 800 560 800
FR 157 1000 700 1000
units V V V A A V A
150 40.0 40.0 -50 to +150
250
500
nS pF C/W C
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 0.375"lead length, P.C. Board Mounted Rev.A4 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES FR151 THRU FR157
1
1
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of FR151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X