Part Number Hot Search : 
ETX500T TM266DUB 2N5115TX CHV37H64 LO4135 15MQ040 CHV37H64 CHV37H64
Product Description
Full Text Search
 

To Download FMX-05D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMX-05D Ultra fast Plastic Power Rectifiers
VOLTAGE: 200V CURRENT: 5.0A
FEATURE
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes * Ultra fast recovery time for high efficiency * Excellent high temperature switching * Glass passivated junction *High voltage and high reliability * High speed switching * Low forward voltage
ITO-220AC
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Maximum Maximum Maximum Recurrent Peak Reverse Voltage RMS Voltage DC blocking Voltage Average Forward Rectified at Tc =120C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C at 5A Maximum Reverse Recovery Time (Note 1) Typical thermal resistance junction to case Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Storage and Operating Temperature Range Vrrm Vrms Vdc If(av) Ifsm Vf Trr RJc Ir Tstg, Tj FMX-05D 200 140 200 5.0 65 0.98 25 5.0 10 100 -55 to +150 units V V V A A V nS C/W A A
C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.A2
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES FMX-05D
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of FMX-05D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X