Part Number Hot Search : 
SMB3EZ11 D5N50 67728 BGF109L JHV3436 SMA36 ON2752 R1100
Product Description
Full Text Search
 

To Download FERP10F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERP10F
Ultrafast Plastic Power Rectifiers
VOLTAGE: 300V CURRENT: 10.0A
FEATURE
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultra fast recovery time for high efficiency Excellent high temperature switching Glass passivated junction High voltage and high reliability High speed switching
ITO-220AB
MECHANICAL DATA
Case: JEDEC ITO-220AB molded plastic body over passivated chip Terminals: Plated Insert leads, solderable per MIL-STD-750, Method 2026 Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Recurrent Peak Reverse Voltage RMS Voltage DC blocking Voltage Average Forward Rectified at Tc =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward Current 5A and 25C Maximum Reverse Recovery Time (Note 1) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Typical thermal resistance junction to case Storage and Operating Temperature Range
Note: Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
FERP10F 300 210 300 10 150 1.3 50 5.0 500.0 5.0 -55 to +150
units V V V A A V nS A C/W
Maximum Maximum Maximum Maximum
Vrrm Vrms Vdc If(av) Ifsm Vf Trr Ir Rth(jc) Tstg, Tj
C
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES FERP10F
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of FERP10F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X