Part Number Hot Search : 
LRU616 MBR40 BTS640S2 BFC11 AK4523 40AD001 DX0907 60R385
Product Description
Full Text Search
 

To Download FE15G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FE1.5G
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER
VOLTAGE400V CURRENT: 1.5A
FEATURE
Glass passivated Hermetically sealed package Low reverse current Soft recovery characteristics
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at TL=55 Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25 Maximum DC Reverse Current at VDC =400V and 25 Maximum DC Reverse Current at VDC =450V and 25 Maximum DC Reverse Current at VDC =500V and 25 Maximum DC Reverse Current at VDC =400V and 100 Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Storage and Operating Junction Temperature
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
FE1.5G
400 280 400 1.5 50 1.6 5.0 5.0 25.0 100 35 35.0 45.0 -65 to +175
units
V V V A A V A A A A nS pF /W
VRRM VRMS VDC IFAV IFSM VF IR IR IR IR Trr Cj Rth(ja) Tstg, Tj
(Note 1) (Note 2) (Note 3)
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES FE1.5G
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of FE15G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X