Part Number Hot Search : 
SPG8650D PIC16F87 APW8822C 331M25 PIC16F87 RT5021 BAS16L 68HC908
Product Description
Full Text Search
 

To Download FCT1-120M22SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 762
25 W Forward Mode Transformers
* * * * Designed for forward topology operating at 250 kHz Three different outputs: 3.3 V, 5.0 V and 12 V 33 - 57 V input; excellent for PoE applications 1500 Vrms isolation from primary and bias to the secondary
Core material Ferrite Terminations RoHS tin-silver over tin over nickel over phos bronze. Other terminations available at additional cost. Weight 6.5 - 6.7 g Ambient temperature -40C to +85C Storage temperature Component: -40C to +85C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Mean Time Between Failures (MTBF) / Failures in Time (FIT) Calculated per Telcordia SR-322 26,315,789 hours / 38 per billion hours Packaging 175 per 13 reel Plastic tape: 32 mm wide, 0.5 mm thick, 28 mm pocket spacing, 12.93 mm pocket depth PCB washing Only pure water or alcohol recommended
Part Inductance2 number1 nom (H) FCT1-33M22SL_ 95 FCT1-50M22SL_ 95 FCT1-120M22SL_ 95
DCR max (mOhms)3 pri sec bias 115 8.0 347 144 18.0 298 150 62.5 352
Leakage inductance4 max (H) 1.44 0.880 0.725
Input voltage range (V) 33 - 57 33 - 57 33 - 57
Turns ratio5 pri : sec pri : bias Output6 1 : 0.16 1 : 0.63 3.3 V, 7.2 A 1 : 0.25 1 : 0.53 5.0 V, 4.8 A 1 : 0.53 1 : 0.53 12 V, 2.0 A
1. When ordering, please specify a packaging code: FCT1-50M22SLD Packaging: D = 13 machine ready reel. EIA-481 embossed plastic tape (175 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance is measured at 250 kHz, 0.1 Vrms, 0 Adc. 3. DCR for the secondary is measured with the windings connected in parallel. 4. Leakage inductance is for the primary and is measured with the secondary shorted. 5. Turns ratio is with the secondary windings connected in parallel. 6. Output is with the secondary windings connected in parallel. Bias winding output is 12 V, 20 mA. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
1 Primary Secondary 2 4 Bias 5 10 9 6 7
Dot above pin1
0.500 max 12,70
0.039 1,00
0.004 /0,10 0.699 max 17,75 0.512 13,00 5 6
0.061 1,55 1
0.590 14,99
0.050 1,27
0.028 0,70
Recommended Land Pattern
0.530 max 13,46 1
10 0.098 2,50
Secondary windings to be connected in parallel on PC board.
Dimensions are in
inches mm
0.098 2,50
Specifications subject to change without notice. Please check our website for latest information.
Document 762
Revised 07/24/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of FCT1-120M22SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X