Part Number Hot Search : 
10101 C6204A39 30000 SSU2N80A A1206 ERJ2GE01 TC809XBH 6F15TR
Product Description
Full Text Search
 

To Download ETSA180066U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a division of CUI INC
date 01/2010 page 1 of 6
SERIES:
ETSA 12 W
DESCRIPTION:
SWITCHING POWER SUPPLY
FEATURES
*universal AC input *regulated output voltage *short circuit protection *meets EISA / efficiency level V regulations *custom designs available
RoHS
MODEL
ETSA050200U ETSA060200U ETSA090133U ETSA120100U ETSA150080U ETSA180066U ETSA240050U output voltage
nominal (V dc)
output current
min (A) max (A)
output wattage
max (W)
ripple*
max. (mVp-p)
efficiency level
cord length
(mm)
5 6 9 12 15 18 24
0 0 0 0 0 0 0
2 2 1.33 1 0.8 0.66 0.5
10 12 12 12 12 12 12
100 150 150 100 150 150 150
V V V V V V V
1830 +150/-0 1830 100 1830 100 1830 +150/-0 1830 100 1830 100 1830 100
*at full load, 100 ~ 240 V ac input, measured at 20MHz bandwidth with a 10 uF electrolytic cap and a 0.1 uF ceramic cap on the output
PART NUMBER KEY ETSA120100U D C - PXXXX - SZ - CXX
example of 12 V dc, 1 A
Base Number
Reserved for custom configurations
AC Input Plug: D = IEC 320 C8 plug
Factory Designation
Input Cable: C = included blank = no cable
DC Plug type: see output plug options on page 5
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 01/2010 page 2 of 6
SERIES:
ETSA 12 W
DESCRIPTION:
SWITCHING POWER SUPPLY
INPUT
parameter rated input voltage input voltage range rated frequency frequency range rated input current inrush current no load power consumption 115 V ac, cold start 230 V ac, cold start conditions/description min 100 90 50 47 nom max 240 264 60 63 0.3 30 60 0.3 units V ac V ac Hz Hz A A A W
OUTPUT
parameter line regulation load regulation over voltage protection short circuit protection output voltage clamped by internal protection zener output shut down and auto-restart conditions/description min nom 5 5 max units % %
SAFETY & EMI
parameter HI-POT insulation resistance safety approvals EMI standard leakage current RoHS compliant yes conditions/description input to output at 10 mA for 1 minute input to output at 500 V dc UL/cUL (UL60950-1), TUV/GS FCC class B, CE, VCCI, EN55022, EN55024 0.25 mA 100 min nom max 3,000 4,242 units V ac V dc M
ENVIRONMENTAL
parameter operating temperature operating humidity storage temperature storage humidity conditions/description min 0 20 -10 10 nom max 40 80 70 90 units C % C %
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 01/2010 page 3 of 6
SERIES:
ETSA 12 W
DESCRIPTION:
SWITCHING POWER SUPPLY
MECHANICAL DRAWING
case size 75 L x 47.5 W x 26.5 H mm tolerance: 1 mm
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 01/2010 page 4 of 6
SERIES:
ETSA 12 W
DESCRIPTION:
SWITCHING POWER SUPPLY
DC CORD
Cable Length: refer to page 1
48B
Cable Gauge 20 AWG ETSA050200 18 AWG ETSA060200 20 AWG ETSA090133 ETSA120100 22 AWG ETSA150080 22 AWG ETSA180066 24 AWG ETSA240050 24 AWG
Black wire, white stripe: Positive
AC CORD
*Contact CUI for additional ac cord input blade options.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 01/2010 page 5 of 6
SERIES:
ETSA 12 W
DESCRIPTION:
SWITCHING POWER SUPPLY
OUTPUT PLUG OPTIONS
3.5 mm Phono Plug
14 0.5 14 0.5
*Tip positive
P1
P1R
Standard DC Plug
C
A B
C A B
P5/P5R P6/P6R P7/P7R P8/P8R P9/P9R
A 5.5 5.5 3.5 3.8 3.8
B 2.1 2.5 1.3 1.35 1.05
CU 9.5 9.5 9.5 9.5 9.5
nit mm mm mm mm mm
Standard PX
Right Angle PXR
Locking DC Plug
C
P10 P11 A 5.5 5.5 B 2.1 2.5 CU 9.5 9.5 nit mm mm
EIAJ Plugs
C
A A
A B EIAJ P12/P12R EIAJ-1 2.35 0.7 P13/P13R EIAJ-2 4.0 1.7 P14/P14R EIAJ-3 4.75 1.7 C 9.5 9.5 9.5 DU nit NA mm 5.0 mm 5.0 mm
B
A B
B
C
Standard PXX Right Angle PXXR
D
PART NUMBER GUIDE
PXX X X
Plug angle: "blank" = standard R = right angle Plug polarity: "blank" = N/A P = center positive N = center negative
*Contact CUI for additional output plug options.
Plug type
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 01/2010 page 6 of 6
SERIES:
ETSA 12 W
DESCRIPTION:
SWITCHING POWER SUPPLY
INDIVIDUAL PACKAGING
tolerance 1 mm
PACKAGING
tolerance +7 / -0 mm
"RoHS Compliant"
)
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com


▲Up To Search▲   

 
Price & Availability of ETSA180066U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X