Part Number Hot Search : 
KBPC1 DS1107SG N759CU TDA2654 TSH350 ON2770 NSPBR70 S3045
Product Description
Full Text Search
 

To Download ES1D-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES1D-E
SURFACE MOUNT FAST ULTRAFAST RECTIFIER
VOLTAGE200V CURRENT 1.0A
FEATURE
Ideal for surface mount pick and place application Low profile package Built-in strain relief High surge capability High temperature soldering guaranteed 260/10sec/at terminals Glass passivated chip Ultrafast recovery time for high efficiency Halogen Free
SMADO-214AC
MECHANICAL DATA
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 Case: JEDEC DO-214AC molded plastic body over passivated chip Polarity: Color band denotes cathode Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated, for capacitive load, derate current by 20)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8lead length at TL =110 Peak Forward Surge Current 8.3ms single half sine- wave superimposed on rated load Maximum Forward Voltage at rated forward current Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 Maximum Reverse Recovery Time (Note1 ) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Note 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to terminal mounted on 5x5mm copper pad area
ES1D-E 200 140 200 1.0 30.0 0.92 10.0 100.0 15 18.0 30.0 -50 to +150
units V V V A A V A nS pF /W
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(jl) Tstg, Tj
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES ES1D-E
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of ES1D-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X