Part Number Hot Search : 
MPS3638A TBU608G 80C32 ADUC847 B1215 256571 2N70020 MFL2805S
Product Description
Full Text Search
 

To Download EM800-RED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WDM & Optical Transport
Datasheet
LambdaDriver(R) - 1+1 redundancy Module (EM800/EM1600-RED)
Features
Singlemode optical fiber connectivity Less than 25 ms link protection switchover Hot-swappable 1-slot size
Applications
Point to point protection link DWDM, CWDM networks Any fiber optic link protection
EM800-RED
Overview
Survivability of optical connections has grown into an issue of the greatest importance for WDM networks as well as for any other optical communication technology. The interruption of high-speed optical connection even for a few seconds means a huge waste of data information. Network operators have therefore to face their customer's requirements, which are very stringent as to outage periods. One of the most popular protection techniques is 1+1 dedicated protection, also known as self-healing. The source node splits the signal into two identical copies transmitting them simultaneously on two separate light paths. The receiver node selects the signal with the best quality. The 1+1 Redundancy module is part of the LambdaDriver(R) product line. The switchover time is lower than 25 ms, which is much better than the STM requirement of 50 ms. The switching is performed when the monitored link signal is below the pre-defined optical signal threshold. The module is fully manageable by the LambdaDriver management module and can be accessed also by MegaVision(R) (MRV's webbased NMS) or any other SNMP manager. The module reports the current status of Primary/Secondary link to the management. The module can be switched over from Secondary to Primary and vice versa by a command from management. There is an option for having Optical Supervisory Channel (OSC) included on the module. In this case, the module includes, besides the protection function, 1310/1550nm splitting/combination. There are two types of modules: - EM800-RED - LD800 slot size - EM1600-RED - LD1600 long slot size







Link protected network operating with unbroken redundant link
Link protected network operating with broken redundant link
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
WDM & Optical Transport
Environmental
Operating Temperature Storage Temperature Relative Humidity Dimensions (W x H x D) Weight Connector - 5 to 45 o C -10 to 70 o C 85% maximum, non-condensing EM800: W: 26.93 mm (1.06 in); EM1600: 26.93 mm (2.13 in); EM800: 0.42kg (0.93 lb) EM1600: 0.84kg (1.85 lb)
H: 130.7 mm (5.145 in); D: 227 mm (8.956 in) 263.4 mm (5.145 in); 227 mm (8.956 in)
Mux/DeMux section - MU Trunk - SC
Technical Specifications
Optical Specifications
Parameter Wavelength Range Maximum insersion loss RED TX RX RED/NS TX RX Maximum link switchover time Power consumption Minimum 1270 Value Typical Maximum 1625 3.5 2 2.5 1 25 1 Watt Units nm
dB
ms
Management
Front panel LEDs Power Monitoring Alarm Command
Primary/Secondary link status, Primary/Secondary link selection status Input power, Output power Primary/Secondary link switchover Primary/Secondary link switchover



MRV-LD-RED Rev.2 04-08
Order Info
EM800-RED EM800-RED/NS EM1600-RED EM1600-RED/NS
Redundant link module for LD800 Redundant link module for LD800 without OSC Redundant link module for LD1600 Redundant link module for LD1600 without OSC
Copyright (c)2008 MRV Communications, Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of EM800-RED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X