Part Number Hot Search : 
TM128 GP1U525Q 2SB1317 HS3010 OPF345A 2SA1834S BZX85C75 UT136F
Product Description
Full Text Search
 

To Download EG1ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EG1ME
Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers
VOLTAGE:1000V CURRENT: 1.0A
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
A-405
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
EG1ME 1000 700 1000 1.0 30 1.7 50 10 100 75 15 60 -55 to +150
units V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum full load reverse current full cycle average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj Rth(ja) Tstg, Tj
A A A
nS pF
C
/W
Storage and Operating Temperature Range
C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES EG1ME
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of EG1ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X