Part Number Hot Search : 
ACM1602 A8670 C1310 R6031235 KMB7D0NP SN74LVC XXXZC 4HCT3
Product Description
Full Text Search
 

To Download DBC12510H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BOARD TO WIRE CONNECTORS
2 - 16 ways Accepts wire of 30 - 22 AWG Housing, Wafer and Terminal Available Current rating 3A AC, DC Voltage rating 250VAC, DC
LOW PROFILE POLARISED 2.5mm PITCH
SECTION 8
SPECIFICATION
General
Withstand Voltage: Insulation Resistance: Temperature Range: 800vAC/min 1000mmin -25Cto+85C
Housing
Material: Nylon66,UL94V-0
Wafer
Material: Post: Base: Brass,Tin/Plated Nylon66,UL94V-0
Terminal
Wire Acceptance: Material: Finish: Thickness: 22-30AWG Phos.Bronze Tin/plated40"min 0.2mm
OUTLINE DRAWING
DBC12.5xT DBC12.5xH
A B
2.25
DBC12.5xS
DBC12.5PIN
3.2
Dim A B C
mm (Nowaysx2.5)-2.5 (Nowaysx2.5)+2 (Nowaysx2.5)+2.5
ORDERING INFORMATION DBC
Dubilier Connectors
1
Series
2.5
Pitch 2.5=2.5mm pitch
2
NofWays 2=2ways 10=10ways etc
T
Style T=TopEntry S=SideEntry90 H=Housing
DBC
Dubilier Connectors
1
Series
2.5
Pitch 2.5=2.5mm pitch
PIN
Pin
221
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBC12510H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X