Part Number Hot Search : 
RF300 P2950CZ LN453YP 87C51FA KBL200 LA633908 STV0056A AN942
Product Description
Full Text Search
 

To Download DB1504S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB1501S ~ DB1507S
Elektronische Bauelemente VOLTAGE 50 V ~ 1000 V 1.5 Amp Surface Mount Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
Low forward voltage drop, high current capability Rating to 1000V PRV Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive products Lead tin Pb / Sn copper The plastic material has UL flammability classification 94V-0
DB-1S
.047(1.2) .037(0.95) .335(8.5) .307(7.8) .031(0.8) .023(0.6) .256(6.5) .244(6.2) .406(10.3) .391(10.0) .140(0.35) .008(0.2) .323(8.2) .315(8.0) .102(2.6) .089(2.2) .205(5.2) .197(5.0)
MECHANICAL DATA
Polarity: As marked on Body Weight:0.02 ounces, 0.38 grams Mounting position: Any
.063(1.6) .055(1.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%. PARAMETERS
Peak Repetitive Peak Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Maximum Average Forward Rectified Current @TA=40 Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 1.5 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2)
2
SYMBOL
DB 1501S
DB 1502S
DB 1503S
DB 1504S
DB 1505S
DB 1506S
DB 1507S
UNIT V A A V uA A2s pF /W
VRRM VRMS VDC I(AV) IFSM VF IR I2t CJ RJA TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50 1.1 10 500 10.4 25 40 -55 ~ 150
600 420 600
800 560 800
1000 700 1000
@TJ=25 @TJ=125
Operating and Storage temperature range Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC 2. Thermal resistance from junction to ambient mounted on P.C.B. with 0.5*0.5"(13*13mm) copper pads.
01-June-2005 Rev. B
Page 1 of 2
DB1501S ~ DB1507S
Elektronische Bauelemente VOLTAGE 50 V ~ 1000 V 1.5 Amp Surface Mount Bridge Rectifiers
RATINGS AND CHARACTERISTIC CURVES
FIG. 1 - Forward Current Derating Curve 1.50
PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT AMPERES
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 50 40 30 20 10 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT,(A)
SINGE HALF-SINE-WAVE (JEDEC METHOD)
1.25 1.00 0.75 0.50 0.25 0.00 50
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
100
o C
150
AMBIENT TEMPERATURE,
FIG.3-TYPICAL JUNCTION CAPACITANCE 100
CAPACITANCE(pF)
1.0
10
0.1
TJ=25oC ,f=1MHZ
TJ=25 oC PULSE WIDTH:300us 2% DUTY CYCLE
1.0 0.1 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 REVERSE VOLTAGE,(VOLTS) INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100
INSTANTANEOUS REVERSE CURRENT,(uA)
TJ=125 oC
10
1.0
TJ=25 oC
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
01-June-2005 Rev. B
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of DB1504S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X