Part Number Hot Search : 
UF07B TAPE35 MA2Q735 103KA 103KA TS120 RS2201 SB140
Product Description
Full Text Search
 

To Download DB101S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB101S THRU DB107S
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FEATURE
For surface mount application Reliable low cost construction utilizing molded plastic Technique Surge overload rating:50 A peak
DBS
MECHANICAL DATA
Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case:UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Vrrm Maximum RMS Voltage Vrms Maximum DC blocking Voltage Vdc Maximum Average Forward Rectified If(av) Current at Ta =40C Peak Forward Surge Current 8.3ms single Ifsm half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at Vf forward current 1.0A Maximum DC Reverse Current Ta =25C Ir at rated DC blocking voltage Ta =125C Typical Junction Capacitance Cj Operating Temperature Range Tj Storage and Operating Junction Temperature Tstg Note: 1. Measured at 1.0 MHz and applied voltage of 4.0 volt
DB 101S 50 35 50
DB 102S 100 70 100
DB 103S 200 140 200
DB 104S 400 280 400 1.0 50.0 1.1
DB 105S 600 420 600
DB 106S 800 560 800
DB 107S 1000 700 1000
Units V V V A A V A uA Pf C C
10.0 500.0 25.0 -55 to +125 -55 to +150
Rev.A5
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES DB101S THRU DB107S
1
1
Rev.A5
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of DB101S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X