|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DB101 THRU DB107 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A FEATURE Ideal for printed circuit board Reliable low cost construction utilizing molded plastic Technique Surge overload rating:50 A peak UL recognized file # E-107371 DB MECHANICAL DATA Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case:UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Ta =40C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 1.0A Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Typical Junction Capacitance Operating Temperature Range Storage and Operation Junction Temperature Note: Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj Tj Tstg DB 101 50 35 50 DB 102 100 70 100 DB 103 200 140 200 DB 104 400 280 400 1.0 50.0 1.1 10.0 500.0 25.0 -55 to +125 -55 to +150 DB 105 600 420 600 DB 106 800 560 800 DB 107 1000 700 1000 units V V V A A V A A Pf C C 1. Measured at 1.0 MHz and applied voltage of 4.0 volt Rev.A5 www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES DB101 THRU DB107 1 1 Rev.A5 www.gulfsemi.com |
Price & Availability of DB101 |