Part Number Hot Search : 
9251US 1700FP 2SK35 08100 BZX84C27 WMS7120 NTXV2N6 SE2600S
Product Description
Full Text Search
 

To Download D2L20U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D2L20U
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER
VOLTAGE200v CURRENT 1.3A
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
DO-15
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated)
SYMBOL
D2L20U 200 140 200 1.5 40.0 0.98 10.0 100.0 35 20 105 -55 to +150
units V V V A A V A A nS pF /W
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8lead length at Ta =25 Peak Forward Surge Current 10ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Pulse Measurement If=1.5A Maximum DC Reverse Current at rated DC blocking voltage Ta =25 Ta =125
Vrrm Vrms Vdc If(av) Ifsm
Vf Ir Trr Cj R(ja) Tstg,Tj
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Note 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8lead length, P.C. Board Mounted
GULFSEMI
MARKING:
SUPER FAST RECOVERY RECTIFIER
RATINGS AND CHARACTERISTIC CURVES
D2L20U
Fig.1 Derating Curve
Fig.2 Forward Voltage
Fig.3 Peak Surge Forward Capability
Fig.4 Junction Capacitance


▲Up To Search▲   

 
Price & Availability of D2L20U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X