Part Number Hot Search : 
CIR2262A TPAT0509 74HC03 UPC2933 2SD1012 DTC12 01089 EM1537
Product Description
Full Text Search
 

To Download CT1008CSF-150J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Wire-wound Chip Inductors
ctparts.com
CT1008CSF Series
From 3.9 nH to 10,000 nH
Part Number
SPECIFICATIONS
Please specify tolerance code when ordering. CT1008CSF-330_ G = 2%, J = 5%, K = 10%, M = 20% * K or M only ** J, K or M only Inductance (nH) 3.9 4.7 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 620 680 750 820 910 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 L Test Freq. (MHz) 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 Q Fact. Min. 40 50 40 50 50 50 50 55 55 60 60 65 65 65 60 60 60 45 45 45 45 45 45 45 45 45 45 45 45 35 35 35 28 28 28 22 22 20 20 20 20 20 20 Q Test Freq. (MHz) 900 1500 1500 500 500 500 350 350 350 350 350 350 350 350 350 350 350 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 7.9 7.9 7.9 7.9 SRF Min. (MHz) 6000 4100 4200 4100 3300 2500 2500 2400 1600 1600 1500 1500 1300 1300 1000 1000 950 850 750 700 600 570 500 450 415 375 375 360 350 320 290 250 200 160 160 140 110 100 90 55 45 35 25 DCR Max. () .05 .08 .07 .08 .09 .10 .11 .12 .13 .14 .15 .16 .18 .20 .22 .56 .63 .70 .77 .84 .91 1.1 1.1 1.2 1.3 1.4 1.5 1.5 1.6 1.7 1.8 2.0 2.3 2.6 2.8 3.2 3.4 3.6 4.0 7.0 8.0 9.5 12 Rated DC (mA) 1100 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 650 650 580 620 500 500 450 470 400 400 300 400 360 400 380 370 310 330 300 280 290 290 260 260 200 180 150 100
ENGINEERING KIT #5F
Not shown at actual size.
Compliant
RoHS
CT1008CSF-030_* CT1008CSF-040_* CT1008CSF-080_* CT1008CSF-100_** CT1008CSF-120_** CT1008CSF-150_** CT1008CSF-180_** CT1008CSF-220_** CT1008CSF-270_** CT1008CSF-330_ CT1008CSF-390_ CT1008CSF-470_ CT1008CSF-560_ CT1008CSF-680_ CT1008CSF-820_ CT1008CSF-101_ CT1008CSF-121_ CT1008CSF-151_ CT1008CSF-181_ CT1008CSF-221_ CT1008CSF-271_ CT1008CSF-331_ CT1008CSF-391_ CT1008CSF-471_ CT1008CSF-561_ CT1008CSF-621_ CT1008CSF-681_ CT1008CSF-751_ CT1008CSF-821_ CT1008CSF-911_ CT1008CSF-102_ CT1008CSF-122_ CT1008CSF-152_ CT1008CSF-182_ CT1008CSF-222_ CT1008CSF-272_ CT1008CSF-332_ CT1008CSF-392_ CT1008CSF-472_ CT1008CSF-562_ CT1008CSF-682_ CT1008CSF-822_ CT1008CSF-103_
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor Applications: LC resonant circuits such as oscillator and signal generators, impedance matching, circuit isolation, RF filters, disk drives and computer peripherals, audio and video equipment, TV, radio and telecommunication equipment Operating Temperature: -40C to +125C Inductance Tolerance: 2%, 5%, 10% & 20% Testing: Inductance and Q are tested on an HP4287A at specified frequency Packaging: Tape & Reel Marking: Reels are marked with inductance code and tolerance Miscellaneous: RoHS Compliant. Parts are also available without a clear plastic cap. Other values available. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 2.92 0.12
B
Max. 2.79 0.11
C
Max. 2.1 0.08
D
2.03 0.08
E
0.51 0.02
F
1.52 0.06
G
0.51 0.02
PAD LAYOUT
01.04.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT1008CSF-150J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X