Part Number Hot Search : 
SMDA24C M24C64 72001 VNH3SP AH180N IRFR220 T45DB AN79M24F
Product Description
Full Text Search
 

To Download CPC1303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC1303
Single-Transistor Optocoupler
Parameter Breakdown Voltage - BVCEO Current Transfer Ratio Saturation Voltage Input Control Current
Rating 30 200 0.5 0.2
Units VP % V mA
Description
The CPC1303 is a unidirectional input optocoupler with a single-transistor output, which uses optically coupled technology to provide an enhanced 5000Vrms isolation barrier between the input and the output. The optically coupled output is controlled by a highly efficient GaAlAs infrared LED. This optocoupler satisfies the PD output requirements of the CPC1466.
Features
* Small 4-pin Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 5000Vrms Input/Output Isolation * No EMI/RFI Generation * Machine Insertable, Wave Solderable
Approvals
* UL Pending * EN/IEC 60950-1 Compliant * CSA Certified Component: Certificate # 043639
Ordering Information
Part Number CPC1303G CPC1303GR CPC1303GRTR Description 4-Pin DIP (100/Tube) 4-Pin Surface Mount (100/Tube) 4-Pin Surface Mount (1000/Reel)
Applications
* * * * * * * * * * Sensor Circuitry Instrumentation Multiplexers Data Acquisition Electronic Switching I/O Subsystems Meters (Watt-Hour, Water, Gas) Medical Equipment: Patient/Equipment Isolation Aerospace Industrial Controls
Pin Configuration
1 4
A
C
K
2
3
E
Pb
RoHS
2002/95/EC
e3
www.clare.com 1
DS-CPC1303-R02
CPC1303
Absolute Maximum Ratings
Parameter Breakdown Voltage Reverse Input Voltage Input Control Current Peak (10ms) Power Dissipation 2 Input 1 Phototransistor 2 Isolation Voltage, Input to Output Operating Temperature Storage Temperature
1 2
Ratings 30 5 50 1 150 150 5000 -40 to +85 -40 to +125
Units VP V mA A
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
mW Vrms C C
Derate Linearly 1.33 mW/oC Derate Linearly 2.00 mW/oC
Electrical absolute maximum ratings are at 25C
Electrical Characteristics
Parameters Output Characteristics @ 25C Phototransistor Breakdown Voltage Phototransistor Output (Dark) Current Saturation Voltage Current Transfer Ratio Output Capacitance Input Characteristics @ 25C Input Control Current Input Voltage Drop Input Reverse Current Common Characteristics @ 25C Input to Output Capacitance Conditions ICEO=10A VCEO=5V, IF=0mA IC=0.4mA, IF=0.2mA IC=10mA, IF=10mA IF=0.2mA, VCE=0.5V VCEO=25V, f=1MHz IC=0.4mA, VCE=0.5V IF=5mA VR=5V Symbol BVCEO ICEO VCEsat CTR COUT IF VF IR CI/O Min 30 200 0.9 Typ 25 0.1 0.12 1000 6 1.2 3 Max 500 0.45 0.5 2500 0.2 1.4 10 Units VP nA V V % pF mA V A pF
Switching Characteristics @ 25C
Characteristic Turn-On Time Turn-Off Time Symbol tON tOFF Test Condition VCC=5V, IF=1mA, RL=500 Typ 2 8 Units s
Switching Time Test Circuit
VCC RL IF VCE
90% 10% t ON t OFF
Pulse Width=5ms Duty Cycle=1%
IF
VCE
2
www.clare.com
R02
CPC1303
PERFORMANCE DATA*
CPC1303 LED Voltage vs. LED Current (Linear)
50 LED Forward Current (mA) LED Forward Current (mA) 40 30 20 10 0 1.1 100 LED Forward Voltage (V)
CPC1303 LED Voltage vs. LED Current (LOG)
1.6 1.5 1.4 1.3 1.2 1.1
CPC1303 LED Forward Voltage vs. Temperature
IF=50mA IF=20mA IF=10mA IF=5mA
10
1
IF=2mA IF=1mA IF=0.2mA -20 0 20 40 60 Temperature (C) 80 100
1.2 1.3 1.4 1.5 LED Forward Voltage (V)
1.6
0.1
1.1
1.2 1.3 1.4 1.5 LED Forward Voltage (V)
1.6
1.0 -40
CPC1303 LED Forward Current vs. CTR
1200 -40C Collector Current (mA) 1000 25C CTR (%) 800 600 400 200 0 1 10 100 LED Forward Current (A) 1000 85C 50 40 30 20 10 0 0 60
CPC1303 Typical Collector Voltage vs. Typical Collector Current (TA=25C)
IF=5mA
100000 10000 ICE Current (A)
CPC1303 ICE Current vs. Temperature
IF=1000A IF=500A IF=200A IF=100A IF=50A IF=20A IF=10A IF=5A IF=2A IF=1A -40 0 40 Temperature (C) 80 120
IF=3mA IF=2mA IF=1mA IF=0.5mA IF=0.2mA
1000 100 10 1
1
2 3 Collector Voltage (V)
4
5
0.16 Saturation Voltage (V) 0.14 0.12 0.10 0.08
CPC1303 Saturation Voltage vs. Temperature (IF=1mA, ICE=2mA)
Blocking Voltage (VP)
CPC1303 Typical Blocking Voltage vs. Temperature
96 Leakage Current (nA) 95 94 93 92 91 90 89 88 87 500 400
CPC1303 Leakage Current vs. Temperature
VCE Leakage 10V 300 200 100 0 -40 VCE Leakage 5V VCE Leakage 3V
0.06 -40
-20
0
20 40 60 Temperature (C)
80
100
-40
-20
0
20 40 60 Temperature (C)
80
100
-20
0
20 40 60 Temperature (C)
80
100
1.5 Turn-On Time (s) 1.4 1.3 1.2 1.1 1.0 0.9 0
CPC1303 Turn-On Time vs. Load Resistance (TA=25C, VCC=5V, IF=1mA)
350 300 Turn-Off Time (s) 250 200 150 100 50 0
CPC1303 Turn-Off Time vs. Load Resistance (TA=25C, VCC=5V, IF=1mA)
20000
40000 60000 80000 Load Resistance ()
100000
0
20000
40000 60000 80000 Load Resistance ()
100000
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R02
www.clare.com
3
CPC1303
Manufacturing Information
Soldering For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
Pb
RoHS
2002/95/EC
e3
MECHANICAL DIMENSIONS
4-Pin DIP ("G" Suffix)
0.991 (0.039) 6.350 0.127 (0.250 0.005) 3.30 0.050 (0.130 0.002) 0.254 (0.010)
PC Board Pattern (Top View)
6 - 0.800 DIA. (6 - 0.031 DIA.) 2.540 0.127 (0.100 0.005)
7.620 0.127 (0.300 0.005)
PIN 1
4.572 0.127 (0.180 0.005) 9 (ALL) 0.457 0.076 (0.018 0.003) 2.540 0.127 (0.100 0.005)
9 (ALL) 1.651 (0.065) 0.508 (0.020) 3.175 (0.125)
9.144 0.508 (0.360 0.020) 7.620 0.254 (0.300 0.010)
6.350 0.127 (0.250 0.005)
Dimensions mm (inches)
4-Pin Surface Mount ("GR" Suffix)
2.540 0.127 (0.100 0.005) 3.300 0.050 (0.130 0.002)
Recommended PCB Land Pattern
0.635 0.254 (0.025 0.010) 6.350 0.127 (0.250 0.005) 9.525 (0.375) 7.620 0.254 (0.300 0.010)
2.287 (0.09)
8.80 (0.346) 1.60 (0.063)
PIN #1
0.991 (0.039) 9 1 (ALL) 2.540 0.127 (0.100 0.005) 2.287 0.127 (0.090 0.005) 0.102 min / 0.254 max (0.004 min / 0.010 max) 4.572 0.127 (0.180 0.005)
3.480 0.076 (0.137 0.003) 0.254 (0.010)
0.95 (0.037)
Dimensions mm (inches)
4
www.clare.com
R02
CPC1303
Tape and Reel Packaging for 4-Pin Surface Mount Package
330.2 Dia (13.00 Dia) Top Cover Tape Thickness 0.102 Max (0.004 Max)
W = 16.00 (0.630)
K0 = 4.20 (0.165) K1 = 3.70 (0.146)
P = 12.00 (0.472)
A0 = 10.01 (0.394)
B0 = 5.00 (0.197) Dimensions mm (inches)
Embossed Carrier
Embossment
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1303-R02 (c)Copyright 2008, Clare, Inc. All rights reserved. Printed in USA. 4/2/08
5


▲Up To Search▲   

 
Price & Availability of CPC1303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X