Part Number Hot Search : 
UPA1808 V321DB40 28F00 12120 GXP6W VCX162 W2040 313004
Product Description
Full Text Search
 

To Download CHN217PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
APPLICATION
* Ultra high speed switching
CHN217PT
FEATURE
* Small surface mounting type. (SOT-23) * Two diode elements are connected in series (VFX2) per circuit. * Maximum total power disspation is 200mW. * Peak forward current is 300mA.
.110 (2.80) .082 (2.10) .119 (3.04) .041 (1.05) .033 (0.85)
SOT-23
(1)
.066 (1.70)
(3)
CONSTRUCTION
* Silicon epitaxial planar
(2)
MARKING
* A7
.055 (1.40) .047 (1.20)
.103 (2.64) .086 (2.20)
.028 (0.70) .020 (0.50)
.007 (0.177)
.018 (0.30) .002 (0.05)
CIRCUIT
(2)
(1)
.045 (1.15) .033 (0.85)
.019 (0.50)
(3)
Dimensions in inches and (millimeters)
SOT-23
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1 uSec Typical Junction Capacitance between Terminal (Note 1) Maximum Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ TSTG CHN217PT 80 56 80 0.1 4.0 2.0 +150 -55 to +150 UNITS Volts Volts Volts Amps Amps pF
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at IF= 100mA Maximum Average Reverse Current at VR= 70V NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 6.0 volts. 2. ESD sensitive product handling required. SYMBOL VF IR CHN217PT 1.20 0.2 UNITS Volts uAmps 2001-6
2-33
RATING CHARACTERISTIC CURVES ( CHN217PT )
FIG. 1 FORWARD CHARACTERISiTICS 50 REVERSE CURRENT , (A) 20 FORWARD CURRENT, (mA) 10 5 2 1 0.5 0.2 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE, (V) 0.01 0 10 20 30 40 50 60 70 80 REVERSE VOLTAGE, (V)
o Ta =85 C o 50oC 25 C o 0C o -30 C
FIG. 2 REVERSE CHARACTERISiTICS 1000 100 10 1 0.1
o Ta =100 C
o 75 C o 50 C o 25 C
o 0C o -25 C
FIG. 3 TYPIC JUNCTION CAPACITANCE 0.8 JUNCTION CAPACITANCE, (pF) 0.7 0.6 0.5 0.4 0.3 0.2
f=1MHz
0
5
10
15
20
25
30
35
REVERSE VOLTAGE, (V)
2-34


▲Up To Search▲   

 
Price & Availability of CHN217PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X